Electronic Components Datasheet Search
  English  ▼

X  

FOXSDLF040 Datasheet(PDF) 3 Page - Fox Electronics

Part # FOXSDLF040
Description  Resistance Weld SMD Crystal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FOXSDLF040 Datasheet(HTML) 3 Page - Fox Electronics

  FOXSDLF040 Datasheet HTML 1Page - Fox Electronics FOXSDLF040 Datasheet HTML 2Page - Fox Electronics FOXSDLF040 Datasheet HTML 3Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Fox Electronics
5570 Enterprise Parkway
Fort Myers, Florida 33905
USA +1.239.693.0099
FAX +1.239.693.1554
An Integrated Device Technology, Inc. company
FOXonline.com
• HC49SDLF Standard Crystals
All specifications subject to change without notice.
Tolerance
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
+/- 30 ppm
Stability
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
+/- 50 ppm
Temp Range
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-40 to +85 C
-40 to +85 C
-40 to +85 C
-40 to +85 C
-40 to +85 C
-40 to +85 C
-40 to +85 C
-40 to +85 C
-40 to +85 C
-40 to +85 C
-40 to +85 C
-40 to +85 C
-40 to +85 C
-40 to +85 C
Part Number
FOXSDLF/036S
FOXSDLF/0368-20
FOXSDLF/040
FOXSDLF/041
FOXSDLF/049-20
FOXSDLF/060-20
FOXSDLF/073-20
FOXSDLF/080-20
FOXSDLF/081-20
FOXSDLF/100-20
FOXSDLF/115-20
FOXSDLF/120-20
FOXSDLF/128-20
FOXSDLF/143-20
FOXSDLF/147-20
FOXSDLF/160-20
FOXSDLF/200-20
FOXSDLF/221-20
FOXSDLF/240F-20
FOXSDLF/245F-20
FOXSDLF/250F-20
FOXSDLF/0368R-20
FOXSDLF/040R
FOXSDLF/060R-20
FOXSDLF/073R-20
FOXSDLF/080R-20
FOXSDLF/100R-20
FOXSDLF/115R-20
FOXSDLF/120R-20
FOXSDLF/143R-20
FOXSDLF/160R-20
FOXSDLF/200R-20
FOXSDLF/240FR-20
FOXSDLF/245FR-20
FOXSDLF/250FR-20
Frequency
3.579545
3.686400
4.000000
4.194304
4.915200
6.000000
7.372800
8.000000
8.192000
10.000000
11.059200
12.000000
12.288000
14.318180
14.745600
16.000000
20.000000
22.118400
24.000000
24.576000
25.000000
3.686400
4.000000
6.000000
7.372800
8.000000
10.000000
11.059200
12.000000
14.318180
16.000000
20.000000
24.000000
24.576000
25.000000
CL
18pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
20pF
Resistance Weld SMD Crystal
Rev. 5/5/2014
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: HC49SDLF
Page 3 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com