Electronic Components Datasheet Search
  English  ▼

X  

BAT54S Datasheet(PDF) 2 Page - General Semiconductor

Part # BAT54S
Description  Schottky Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BAT54S Datasheet(HTML) 2 Page - General Semiconductor

  BAT54S Datasheet HTML 1Page - General Semiconductor BAT54S Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Ratings for one diode at 25 °C ambient temperature unless otherwise specified
BAT54 THRU BAT54S
Symbol
Min.
Typ.
Max.
Unit
Reverse Breakdown Voltage
tested with 100
µA Pulses
V(BR)R
30
––V
Forward Voltage
Pulse Test tp < 300 µs, δ < 2%
at IF = 0.1 mA
at IF = 1 mA
at IF = 10 mA
at IF = 30 mA
at IF = 100 mA
VF
VF
VF
VF
VF
–
–
–
–
–
–
–
–
–
–
240
320
400
500
1000
mV
mV
mV
mV
mV
Leakage Current
Pulse Test tp < 300 µs, δ < 2%
at VR = 25 V
IR
––2
µA
Capacitance
at VF = 1 V, f = 1 MHz
Ctot
––10
pF
Reverse Recovery Time
from IF = 10 mA through IR = 10 mA to IR = 1 mA,
RL = 100 Ω
trr
––5ns
Thermal Resistance Junction to Ambient Air
RthJA
–
–
4301)
K/W
1) Device on fiberglass substrate, see layout
Layout for RthJA test
Thickness: Fiberglass 0.059 in (1.5 mm)
Copper leads 0.012 in (0.3 mm)
.59 (15)
0.2 (5)
.03 (0.8)
.30 (7.5)
.12 (3)
.04 (1)
.06 (1.5)
.20 (5.1)
.08 (2)
.08 (2)
.04 (1)
Dimensions in inches (millimeters)
.47 (12)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com