Electronic Components Datasheet Search
  English  ▼

X  

BAV100 Datasheet(PDF) 1 Page - General Semiconductor

Part # BAV100
Description  Small Signal Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BAV100 Datasheet(HTML) 1 Page - General Semiconductor

  BAV100 Datasheet HTML 1Page - General Semiconductor BAV100 Datasheet HTML 2Page - General Semiconductor BAV100 Datasheet HTML 3Page - General Semiconductor BAV100 Datasheet HTML 4Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
Small Signal Diodes
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
Case: MiniMELF Glass Case (SOD-80)
Weight: approx. 0.05 g
Dimensions in inches and (millimeters)
MiniMELF
.142 (3.6)
.019 (0.48)
Cathode Mark
.134 (3.4)
.011 (0.28)
4/98
BAV100 THRU BAV103
Symbol
Value
Unit
Reverse Voltage
BAV100
BAV101
BAV102
BAV103
VR
VR
VR
VR
60
120
200
250
V
V
V
V
Forward DC Current at Tamb = 25 °C
IF
2501)
mA
Rectified Current (Average)
Half Wave Rectification with Resist. Load
at Tamb = 25 °C and f ≥ 50 Hz
I0
2001)
mA
Repetitive Peak Forward Current
at f
≥ 50 Hz, Θ = 180 °C, T
amb = 25 °C
IFRM
6251)
mA
Surge Forward Current at t < 1 s, Tj = 25 °C
IFSM
1A
Power Dissipation at Tamb = 25 °C
Ptot
4001)
mW
Junction Temperature
Tj
175
°C
Storage Temperature Range
TS
–65 to +175
°C
1) Valid provided that electrodes are kept at ambient temperature.
Silicon Epitaxial Planar Diodes
For general purpose
These diodes are also available in other
case styles including: the DO-35 case with
the type designations BAV19 to BAV21, the SOD-123
case with the type designations BAV19W to BAV21W,
and the SOT-23 case with the type designation
BAS19 - BAS21.
♦
♦
♦


Similar Part No. - BAV100

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV100 PHILIPS-BAV100 Datasheet
34Kb / 8P
General purpose diodes
1996 Sep 17
logo
Vishay Siliconix
BAV100 VISHAY-BAV100 Datasheet
54Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Diotec Semiconductor
BAV100 DIOTEC-BAV100 Datasheet
133Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
logo
Semikron International
BAV100 SEMIKRON-BAV100 Datasheet
81Kb / 2P
Ultrafast silicon rectifier diodes
logo
Diotec Semiconductor
BAV100 DIOTEC-BAV100 Datasheet
103Kb / 2P
Superfast Switching Surface Mount Si-Diodes
More results

Similar Description - BAV100

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N4148 GE-1N4148 Datasheet
150Kb / 4P
Small Signal Diodes
1N4150 GE-1N4150 Datasheet
28Kb / 1P
Small Signal Diodes
1N4151W GE-1N4151W Datasheet
202Kb / 4P
SMALL SIGNAL DIODES
1N4448W GE-1N4448W Datasheet
140Kb / 4P
Small Signal Diodes
BAV19WS GE-BAV19WS Datasheet
118Kb / 4P
SMALL SIGNAL DIODES
BAW75 GE-BAW75 Datasheet
173Kb / 4P
Small-Signal Diodes
LL4148 GE-LL4148 Datasheet
147Kb / 4P
Small Signal Diodes
LL4151 GE-LL4151 Datasheet
146Kb / 4P
Small Signal Diodes
logo
Guangdong Kexin Industr...
1N5177W KEXIN-1N5177W Datasheet
33Kb / 1P
SMALL SIGNAL DIODES
logo
EIC discrete Semiconduc...
BAV19WS EIC-BAV19WS Datasheet
40Kb / 2P
SMALL SIGNAL DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com