Electronic Components Datasheet Search
  English  ▼

X  

MF-MSMF125 Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # MF-MSMF125
Description  MF-MSMF Series - PTC Resettable Fuses
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-MSMF125 Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  MF-MSMF125 Datasheet HTML 1Page - Bourns Electronic Solutions MF-MSMF125 Datasheet HTML 2Page - Bourns Electronic Solutions MF-MSMF125 Datasheet HTML 3Page - Bourns Electronic Solutions MF-MSMF125 Datasheet HTML 4Page - Bourns Electronic Solutions MF-MSMF125 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
“freeXpansion Design” is a trademark of Bourns, Inc.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
MF-MSMF Series - PTC Resettable Fuses
Thermal Derating Chart - Ihold (Amps)
Model
Ambient Operating Temperature
-40 ˚C
-20 ˚C
0 ˚C
23 ˚C
40 ˚C
50 ˚C
60 ˚C
70 ˚C
85 ˚C
MF-MSMF010
0.16
0.14
0.12
0.10
0.08
0.07
0.06
0.05
0.03
MF-MSMF014
0.23
0.19
0.17
0.14
0.12
0.10
0.09
0.08
0.06
MF-MSMF020
0.29
0.26
0.23
0.20
0.17
0.15
0.14
0.12
0.10
MF-MSMF020/60
0.29
0.26
0.23
0.20
0.17
0.15
0.14
0.12
0.10
MF-MSMF030
0.44
0.39
0.35
0.30
0.26
0.23
0.21
0.18
0.15
MF-MSMF050
0.77
0.68
0.59
0.50
0.44
0.40
0.37
0.33
0.29
MF-MSMF075
1.15
1.01
0.88
0.75
0.65
0.60
0.55
0.49
0.43
MF-MSMF075/24
1.15
1.01
0.88
0.75
0.65
0.60
0.55
0.49
0.43
MF-MSMF110
1.59
1.43
1.26
1.10
0.95
0.87
0.80
0.71
0.60
MF-MSMF110/16
1.59
1.43
1.26
1.10
0.95
0.87
0.80
0.71
0.60
MF-MSMF110/24X
2.00
1.70
1.40
1.10
0.95
0.88
0.80
0.73
0.61
MF-MSMF125
1.80
1.63
1.43
1.25
1.08
0.99
0.91
0.81
0.68
MF-MSMF150
2.17
1.95
1.72
1.50
1.30
1.18
1.09
0.97
0.82
MF-MSMF150/24X
2.10
1.90
1.70
1.50
1.25
1.13
1.00
0.88
0.69
MF-MSMF160
2.30
2.20
1.90
1.60
1.45
1.30
1.15
1.03
0.91
MF-MSMF200
3.08
2.71
2.35
2.00
1.80
1.60
1.50
1.40
1.25
MF-MSMF250/16X
3.85
3.45
3.00
2.50
2.05
1.85
1.75
1.30
1.10
MF-MSMF260
4.00
3.52
3.06
2.60
2.34
2.08
1.95
1.39
1.04
160–220
300
250
200
150
100
50
0
10–20
120
Preheating
Soldering
Cooling
Time (seconds)
Solder Reflow Recommendations
Notes:
•
MF-MSMF models cannot be wave soldered. Please contact Bourns for
hand soldering recommendations.
•
If reflow temperatures exceed the recommended profile, devices may
not meet the performance requirements.
•
Compatible with Pb and Pb-free solder reflow profiles.
•
Excess solder may cause a short circuit, especially during hand
soldering. Please refer to the Multifuse® Polymer PTC Soldering
Recommendation guidelines.
How to Order
MF - MSMF 075/24 - 2
Multifuse® Product
Designator
Series
MSMF = 4532 mm (1812 mils)
Surface Mount Component
Hold Current, Ihold
010-260 (0.10 Amps - 2.60 Amps)
Higher Voltage Option
__ =
Standard Voltage
/16 = 16 Volt Rated
/24 =
24 Volt Rated
/60 =
60 Volt Rated
X =
Multifuse® freeXpansion Design™
MF-MSMF Series
Packaging
Packaged per EIA 481-1
-2 = Tape and Reel
Typical Part Marking
Represents total content. Layout may vary.
PART IDENTIFICATION EXAMPLES:
MF-MSMF050 = 50
MF-MSMF075 = 75
MF-MSMF110 = 11
MF-MSMF150 = 15
YEAR CODE:
5 = 2005
BI-WEEKLY DATE CODE:
WEEKS 49-50 = Y
MF-MSMF SERIES, REV. AC, 12/10
PART IDENTIFICATION EXAMPLES:
MF-MSMF110/24X = 6
MF-MSMF150/24X = 8
MF-MSMF250/16X = C
BI-WEEKLY DATE CODE:
WEEKS 5-6 = C
8
C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com