Electronic Components Datasheet Search
  English  ▼

X  

MHSS1104 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MHSS1104
Description  Microminiature Slide Switches
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MHSS1104 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MHSS1104 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
O
O7
APEM, PO BOX 8288, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (978) 372-3534 E-mail: info@apem.com
MODEL NO.
MHSS1104
1P2T
SCHEMATIC
MECHANICAL OUTLINE
P.C. BOARD LAYOUT
1P2T
SCHEMATIC
MECHANICAL OUTLINE
P.C. BOARD LAYOUT
FEATURES
MATERIALS
MODEL NO.
MHSS1105
SPECIFICATIONS
Contact ratings: 300 mA at 6 VDC
Initial contact resistance: 60 milliohms max.
Insulation resistance: 100 megohms min. at 100 VDC
Dielectric strength: 100 VAC for 1 minute
Electrical life: 5000 cycles min.
Operating temperature range: -20°C to +70°C
Solder heat resistance: 350°C max. for 3 seconds
Washing not recommended
Contacts & terminals: Silver plated
Case: 30% Glass filled nylon, type 6/6, black
Actuator: Nylon, type 6/6, black (blue for MHSS2220 only)
VERTICAL ACTUATOR
RIGHT ANGLE ACTUATOR
MHSS Series
Microminiature Slide Switches
Excellent tactile feed-back (detent action).
Molded-in terminals minimize flux or solder entry.
Ultra-compact case size.
Low profile.
.079 (2.00) TRAVEL/THROW
.079 (2.00) TRAVEL/THROW


Similar Part No. - MHSS1104

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MHSS1104 ETC2-MHSS1104 Datasheet
65Kb / 1P
Microminiature Slide Switches
More results

Similar Description - MHSS1104

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
SLIDE SWITCHES
logo
ITT Industries
8600 ITT-8600 Datasheet
194Kb / 3P
Microminiature Pushbutton Switches
logo
C&K Components
8600 CK-COMPONENTS-8600 Datasheet
183Kb / 3P
Microminiature Pushbutton Switches
logo
List of Unclassifed Man...
MA12R/TR ETC2-MA12R/TR Datasheet
68Kb / 1P
Microminiature Memory Card Slide Switches
MHSS1104 ETC2-MHSS1104 Datasheet
65Kb / 1P
Microminiature Slide Switches
MJS12 ETC2-MJS12 Datasheet
130Kb / 2P
Microminiature Slide Switches
MMS22R ETC2-MMS22R Datasheet
149Kb / 2P
Microminiature Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
SLIDE SWITCHES
logo
C&K Components
8600 CK-COMPONENTS-8600_V01 Datasheet
305Kb / 3P
Microminiature Pushbutton Switches
2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com