Electronic Components Datasheet Search
  English  ▼

X  

WH1602T Datasheet(PDF) 1 Page - DB Lectro Inc

Part # WH1602T
Description  5x8 dots includes cursor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

WH1602T Datasheet(HTML) 1 Page - DB Lectro Inc

  WH1602T Datasheet HTML 1Page - DB Lectro Inc WH1602T Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WH1602T
Gharacter 16x2
32
1. 5x8 dots includes cursor
2. Built-in controller (KS 0066 or Equivalent)
3. 1/16 duty cycle
4. +5V power supply
Item
2.67x5.57
----
54.8x19.0
65.4x28.2
Standard Value
Unit
mm
mm
mm
mm
Note: VSS=0 Volt , VDD=5.0 Volt .
Item
Power Supply
Input Voltage
VDD-VSS
VI
Symbol
min.
Standard Value
typ.
max.
7.0
-0.3
Vss
VDD
V
V
Unit
NO. Symbol
Function
Pin
K
A
DB0
RS
R/W
NC
Vo
E
DB1
DB2
DB3
DB4
DB5
DB6
DB7
Vdd
Vss
Supply voltage for logic
Operating voltage for LCD
No connection
H: read data L:write data
Chip enable signal
H: Data L:Instruction
Data bit 0
LED+
LED--
Ground
Symbol
Item
VDD
IDD
VDD-VO
IEF
IF
VF
Data bit 1
Data bit 2
Data bit 3
Data bit 4
Data bit 5
Data bit 6
Data bit 7
No connection
NC
Standard Value
min.
typ.
max. Unit
Condition
VDD=5V
-20ºC
0ºC
25ºC
50ºC
70ºC
25ºC
25ºC
VDD=+5V
Vel=110VAC;400Hz
Array
Edge
V
mA
V
V
mA
mA
mA
---
4.5
5.0
5.5
---
---
1.2
4.5
4.2
3.8
---
---
---
---
---
---
---
---
---
---
---
---
---
---
---
5.0
1.9
2.0
2.2
16
18
20
---
---
---
Module Dimension
Viewing Area
Mounting hole
Character Size
Recommended LC Driving
Voltage for Normal Temp.
Version module
Supply Current
Input Voltage
LED Forward Voltage
LED Forward Current
EL Power Supply Current
16
15
14
12 13
3
2
111
10
9
8
7
6
5
4
00
40
01 02
0F
0E
41 42
4E 4F
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
65.4±0.5
4.5MAX
DOT SIZE
SCALE3/1
3.05
0.54
0.51
2.67
8.49
5.3
1.2
63.0
54.8(VA)
48.42(AA)
15±1.0
4.0
4.0
(Reinforceing layer)
29.0±2.0


Similar Part No. - WH1602T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WH1602 ETC-WH1602 Datasheet
296Kb / 1P
CHARACTER 16 X 2
WH1602 ETC-WH1602 Datasheet
288Kb / 1P
CHARACTER 16 X 2
logo
Superworld Electronics
WH160200 SUPERWORLD-WH160200 Datasheet
140Kb / 3P
Linear Adaptors
logo
DB Lectro Inc
WH1602A DBLECTRO-WH1602A Datasheet
749Kb / 2P
5x8 dots includes cursor
WH1602B DBLECTRO-WH1602B Datasheet
774Kb / 2P
5x8 dots includes cursor
More results

Similar Description - WH1602T

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
WH1202A DBLECTRO-WH1202A Datasheet
728Kb / 2P
5x8 dots includes cursor
WH1601A DBLECTRO-WH1601A Datasheet
744Kb / 2P
5x8 dots includes cursor
WH1601B DBLECTRO-WH1601B Datasheet
692Kb / 2P
5x8 dots includes cursor
WH1602D DBLECTRO-WH1602D Datasheet
698Kb / 2P
5x8 dots includes cursor
WH1602M DBLECTRO-WH1602M Datasheet
725Kb / 2P
5x8 dots includes cursor
WH1602V2 DBLECTRO-WH1602V2 Datasheet
785Kb / 1P
5x8 dots includes cursor
WH1604A DBLECTRO-WH1604A Datasheet
767Kb / 2P
5x8 dots includes cursor
WH1604B DBLECTRO-WH1604B Datasheet
735Kb / 2P
5x8 dots includes cursor
WH1604E DBLECTRO-WH1604E Datasheet
405Kb / 2P
5x8 dots includes cursor
WH2004D DBLECTRO-WH2004D Datasheet
856Kb / 2P
5x8 dots includes cursor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com