Electronic Components Datasheet Search
  English  ▼

X  

BAW76 Datasheet(PDF) 1 Page - General Semiconductor

Part # BAW76
Description  Small-Signal Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BAW76 Datasheet(HTML) 1 Page - General Semiconductor

  BAW76 Datasheet HTML 1Page - General Semiconductor BAW76 Datasheet HTML 2Page - General Semiconductor BAW76 Datasheet HTML 3Page - General Semiconductor BAW76 Datasheet HTML 4Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Maximum Ratings and Thermal Characteristics (TA = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Reverse Voltage
BAW75
VR
25
V
BAW76
50
Peak Reverse Voltage
BAW75
VRM
35
V
BAW76
75
Rectified Current (Average)
Half Wave Rectification with Resistive Load
IO
150(1)
mA
at TA = 25°C and f
≥ 50 Hz
Surge Forward Current at t < 1µs, Tj = 25°C
IFSM
2A
Power Dissipation at TA = 25°C
Ptot
500(1)
mW
Thermal Resistance Junction to Ambient Air
R
ΘJA
0.35(1)
°C/W
Junction Temperature
Tj
200
°C
Storage Temperature Range
TS
–65 to +200
°C
Note:
(1) Valid provided that leads are kept at ambient temperature at a distance of 8mm from case.
BAW75 and BAW76
Small-Signal Diodes
5/2/00
Features
• Silicon Epitaxial Planar Diodes
• Fast switching diodes.
Mechanical Data
Case: DO-35 Glass Case
Weight: approx. 0.13g
Packaging Codes/Options:
D7/10K per 13” reel (52mm tape), 20K/box
D8/10K per Ammo tape (52mm tape), 20K/box
New
Product
DO-204AH (DO-35 Glass)
Dimensions in inches and (millimeters)


Similar Part No. - BAW76

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BAW76 VISHAY-BAW76 Datasheet
34Kb / 3P
Silicon Epitaxial Planar Diode
01-Apr-99
logo
Fairchild Semiconductor
BAW76 FAIRCHILD-BAW76 Datasheet
33Kb / 1P
High Speed Computer Diodes
BAW76 FAIRCHILD-BAW76 Datasheet
29Kb / 2P
BAW76
logo
GOOD-ARK Electronics
BAW76 GOOD-ARK-BAW76 Datasheet
167Kb / 4P
Small-Signal Diode
logo
SynSemi, Inc.
BAW76 SYNSEMI-BAW76 Datasheet
30Kb / 2P
HIGH SPEED SWITCHING DIODES
More results

Similar Description - BAW76

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N4148 GE-1N4148 Datasheet
150Kb / 4P
Small Signal Diodes
1N4150 GE-1N4150 Datasheet
28Kb / 1P
Small Signal Diodes
1N4151W GE-1N4151W Datasheet
202Kb / 4P
SMALL SIGNAL DIODES
1N4448W GE-1N4448W Datasheet
140Kb / 4P
Small Signal Diodes
BAV19WS GE-BAV19WS Datasheet
118Kb / 4P
SMALL SIGNAL DIODES
LL4148 GE-LL4148 Datasheet
147Kb / 4P
Small Signal Diodes
LL4151 GE-LL4151 Datasheet
146Kb / 4P
Small Signal Diodes
logo
Vishay Siliconix
BAV19WS VISHAY-BAV19WS Datasheet
127Kb / 3P
Small-Signal Diodes
14-May-02
logo
Guangdong Kexin Industr...
1N5177W KEXIN-1N5177W Datasheet
33Kb / 1P
SMALL SIGNAL DIODES
logo
EIC discrete Semiconduc...
BAV19WS EIC-BAV19WS Datasheet
40Kb / 2P
SMALL SIGNAL DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com