Electronic Components Datasheet Search
  English  ▼

X  

7K67 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 7K67
Description  Alkaline-Manganese Dioxide Battery
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

7K67 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  7K67 Datasheet HTML 1Page - List of Unclassifed Manufacturers 7K67 Datasheet HTML 2Page - List of Unclassifed Manufacturers 7K67 Datasheet HTML 3Page - List of Unclassifed Manufacturers 7K67 Datasheet HTML 4Page - List of Unclassifed Manufacturers 7K67 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPECIFICATION SUMMARY:
mm
in.
mm
in.
mm
in.
g
oz.
cm
3
in
3
ANSI
IEC
MN1300
D
1.5
34.2
1.35
61.5
2.42
-
-
139
4.90
56.4
3.44
13A
LR20
MN1400
C
1.5
26.2
1.03
50
1.97
-
-
69.0
2.43
26.9
1.64
14A
LR14
MN1500
AA
1.5
14.5
0.57
50.5
1.99
-
-
23.8
0.84
8.4
0.51
15A
LR6
MN2400
AAA
1.5
10.5
0.41
44.5
1.75
-
-
11.0
0.39
3.8
0.23
24A
LR03
MN9100
N
1.5
12
0.47
30.2
1.19
-
-
9.6
0.34
3.4
0.21
910A
LR1
MX1300
D
1.5
34.2
1.35
61.5
2.42
-
-
147
5.19
56.4
3.44
13A
LR20
MX1400
C
1.5
26.2
1.03
50.0
1.97
-
-
71.7
2.53
26.9
1.64
14A
LR14
MX1500
AA
1.5
14.5
0.57
50.5
1.99
-
-
24.4
0.86
8.4
0.51
15A
LR6
MX2400
AAA
1.5
10.5
0.41
44.5
1.75
-
-
11.2
0.40
3.8
0.23
24A
LR03
MX2500
AAAA
1.5
8.3
0.33
42.5
1.67
-
-
6.0
0.21
2.3
0.14
25A
LR8D425
MX1604
ULTRA 9-VOLT
9
26.5
1.04
48.5
1.91
17.5
0.69
46.5
1.64
22.8
1.39
1604A
6LR61
MN1604
9-VOLT
9
26.5
1.04
48.5
1.91
17.5
0.69
45.0
1.60
22.8
1.39
1604A
6LR61
7K67
J
6
35.6
1.40
48.5
1.91
9.1
0.36
34.0
1.20
15.7
0.96
1412AP
4LR61
MN908
LANTERN
6
67.0
2.64
115
4.53
67.0
2.64
612
21.6
501.8
30.6
908A
4LR25X
MN918
LANTERN
6
136.5
5.37
127
5.00
73.0
2.87
1270
44.8
1243.5
75.9
918A
4LR25-2
MN1203
LANTERN
4.5
62.0
2.44
67.0
2.64
22.0
0.87
154
5.43
91.4
5.58
-
3LR12
MN21
CYLINDRICAL
12
10.3
0.41
28.5
1.12
-
-
7.40
0.26
2.30
0.14
-
-
(1) Operating temperature range is -20ºC to 54ºC (-4ºF to 130ºF)
(2) Dimensions are IEC/ANSI standards.
OTHER SELECTED MULTICELL
BATTERIES
DIAMETER
ULTRA CYLINDRICAL CELLS
SELECTED
PRODUCTS
HEIGHT
NOMINAL
VOLTAGE
(V)
PRIMARY CELLS & BATTERIES
ALKALINE
DURACELL
PRODUCT
NUMBER
MAXIMUM
DURACELL
® alkaline-manganese dioxide batteries are a popular choice for most consumer, industrial, and military
applications where an economical, general purpose battery is required. Advantages include high energy output, reliability,
long shelf life, and good low temperature performance.
(1) The DURACELL® alkaline battery system is generally available in
cylindrical and multicell configurations.
CROSS REFERENCE
STANDARD CYLINDRICAL
CELLS
LENGTH
HEIGHT
WIDTH
DIAMETER
SIZE
NOMINAL
VOLUME
DIMENSIONS
(2)
MAXIMUM
HEIGHT
MAXIMUM
NOMINAL
WEIGHT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com