Electronic Components Datasheet Search
  English  ▼

X  

BB721 Datasheet(PDF) 1 Page - General Semiconductor

Part # BB721
Description  Tuner Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BB721 Datasheet(HTML) 1 Page - General Semiconductor

  BB721 Datasheet HTML 1Page - General Semiconductor BB721 Datasheet HTML 2Page - General Semiconductor BB721 Datasheet HTML 3Page - General Semiconductor BB721 Datasheet HTML 4Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tuner Diodes
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
Dimensions in inches and (millimeters)
SOD-123
.022 (0.55)
.067 (1.70)
min. .010 (0.25)
Cathode Mark
Top View
.055 (1.40)
Case: SOD-123 Plastic Case
Weight: approx. 0.01 g
4/98
260
BB721
Symbol
Value
Unit
Reverse Voltage
VR
32
V
Ambient Temperature
Tamb
125
°C
Storage Temperature Range
TS
–55 to +125
°C
Silicon epitaxial planar capacitance diodes with
very wide effective capacitance variation for tuning
the whole range of UHF television bands.
Two BB721/BB721S tuner diodes in series
are used for direct satellite receivers.
These diodes are available as singles or as matched
sets of two or more units according to the tracking
condition described in the table of characteristics.
This diode is also available in SOD-323 case
with the type designation BB721S.
♦
♦
♦
♦


Similar Part No. - BB721

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BB721 ETC1-BB721 Datasheet
337Kb / 3P
SCHOTTKY DIODES
logo
Guangdong Kexin Industr...
BB721 KEXIN-BB721 Datasheet
31Kb / 1P
Tuner Diodes
logo
Zhaoxingwei Electronics...
BB721 ZHAOXINGWEI-BB721 Datasheet
42Kb / 1P
Tuner Diodes
logo
General Semiconductor
BB721S GE-BB721S Datasheet
121Kb / 4P
Tuner Diodes
logo
Guangdong Kexin Industr...
BB721S KEXIN-BB721S Datasheet
31Kb / 1P
Tuner Diodes
More results

Similar Description - BB721

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BB701S GE-BB701S Datasheet
38Kb / 2P
Tuner Diodes
BB721S GE-BB721S Datasheet
121Kb / 4P
Tuner Diodes
BB729S GE-BB729S Datasheet
109Kb / 3P
Tuner Diodes
BB731 GE-BB731 Datasheet
108Kb / 3P
Tuner Diodes
BB731S GE-BB731S Datasheet
109Kb / 4P
Tuner Diodes
logo
Guangdong Kexin Industr...
BB731 KEXIN-BB731 Datasheet
31Kb / 1P
Tuner Diodes
logo
Zhaoxingwei Electronics...
BB729 ZHAOXINGWEI-BB729 Datasheet
42Kb / 1P
Tuner Diodes
BB729S ZHAOXINGWEI-BB729S Datasheet
42Kb / 1P
Tuner Diodes
BB731 ZHAOXINGWEI-BB731 Datasheet
42Kb / 1P
Tuner Diodes
BB731S ZHAOXINGWEI-BB731S Datasheet
43Kb / 1P
Tuner Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com