Electronic Components Datasheet Search
  English  ▼

X  

PE8701 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE8701
Description  4 Section Bandpass Filter With SMA Female Connectors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE8701 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE8701 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE8701 Datasheet HTML 2Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
TECHNICAL DATA SHEET
4 Section Bandpass Filter With SMA Female Connectors Operating
From 2.4 GHz To 2.5 GHz With a 100 MHz Passband
Configuration
Design
Combline Filter
Connector 1
SMA Female
Connector 2
SMA Female
Passband Frequency Range, GHz
2.4 to 2.5
Electrical Specifications
Passband Minimum Frequency, GHz
2.4
Passband Maximum Frequency, GHz
2.5
Impedance, Ohms
50
Maximum Insertion Loss, dB
1
Passband Maximum VSWR
1.5:1
Maximum Input Power, Watts
5
Rejection at 2.05 GHz
50 dB
Rejection at 2.85 GHz
50 dB
Mechanical Specifications
Connector 1
Type
SMA Female
Connector 2
Type
SMA Female
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Plotted and Other Data
Notes:
Values at 25 °C, sea level
URL:
http://www.pasternack.com/4-section-band-pass-filter-2.4-ghz-2.5-ghz-passband-100-mhz-pe8701-p.aspx
4 Section Bandpass Filter With SMA Female Connectors Operating From 2.4 GHz To 2.5 GHz With a 100 MHz Passband
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and fiber optic
products maintain a 99% availability and are part of the broadest selection in the industry.
4 Section Bandpass Filter With SMA Female Connectors
Operating From 2.4 GHz To 2.5 GHz With a 100 MHz Passband
PE8701
PE8701 REV


Similar Part No. - PE8701

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8700 PASTERNACK-PE8700 Datasheet
248Kb / 2P
4 Section Bandpass Filter With SMA Female Connectors
PE8702 PASTERNACK-PE8702 Datasheet
245Kb / 2P
4 Section Bandpass Filter With SMA Female Connectors Operating
PE8703 PASTERNACK-PE8703 Datasheet
248Kb / 2P
4 Section Bandpass Filter With SMA Female Connectors
PE8704 PASTERNACK-PE8704 Datasheet
245Kb / 2P
4 Section Bandpass Filter With SMA Female Connectors
PE8705 PASTERNACK-PE8705 Datasheet
245Kb / 2P
4 Section Bandpass Filter With SMA Female Connectors
More results

Similar Description - PE8701

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE8700 PASTERNACK-PE8700 Datasheet
248Kb / 2P
4 Section Bandpass Filter With SMA Female Connectors
PE8703 PASTERNACK-PE8703 Datasheet
248Kb / 2P
4 Section Bandpass Filter With SMA Female Connectors
PE8704 PASTERNACK-PE8704 Datasheet
245Kb / 2P
4 Section Bandpass Filter With SMA Female Connectors
PE8705 PASTERNACK-PE8705 Datasheet
245Kb / 2P
4 Section Bandpass Filter With SMA Female Connectors
PE8706 PASTERNACK-PE8706 Datasheet
245Kb / 2P
4 Section Bandpass Filter With SMA Female Connectors
PE8709 PASTERNACK-PE8709 Datasheet
250Kb / 2P
4 Section Bandpass Filter With SMA Female Connectors
PE8710 PASTERNACK-PE8710 Datasheet
250Kb / 2P
4 Section Bandpass Filter With SMA Female Connectors
PE8711 PASTERNACK-PE8711 Datasheet
249Kb / 2P
4 Section Bandpass Filter With SMA Female Connectors
PE8712 PASTERNACK-PE8712 Datasheet
246Kb / 2P
4 Section Bandpass Filter With SMA Female Connectors
PE8713 PASTERNACK-PE8713 Datasheet
247Kb / 2P
4 Section Bandpass Filter With SMA Female Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com