Electronic Components Datasheet Search
  English  ▼

X  

BB741 Datasheet(PDF) 2 Page - General Semiconductor

Part # BB741
Description  Tuner Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BB741 Datasheet(HTML) 2 Page - General Semiconductor

  BB741 Datasheet HTML 1Page - General Semiconductor BB741 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
BB741S
Symbol
Min.
Typ.
Max.
Unit
Reverse Breakdown Voltage
at IR = 100 µA
V(BR)R
32
––V
Leakage Current
at VR = 30 V
IR
–
–
20
nA
Capacitance, f = 1 MHz
at VR = 28 V
at VR = 1 V
Ctot
Ctot
2.65
62.0
–
–
2.88
76.0
pF
pF
Effective Capacitance Ratio, f = 1 MHz
at VR = 1 to 28 V
Ctot (1 V)
Ctot (28
V)
22.0
–
–
–
Series Resistance
at f = 300 MHz, Ctot = 25 pF
rs
–1.2
–
Ω
Series Inductance
LS
–2.5
–
nH
For any two of six consecutive diodes in the carrier tape, the maximum capacitance deviation in the reverse bias
voltage of VR = 0.5 to 28 V is max. 3.0%



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com