Electronic Components Datasheet Search
  English  ▼

X  

BC327 Datasheet(PDF) 1 Page - General Semiconductor

Part # BC327
Description  Small Signal Transistors (PNP)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BC327 Datasheet(HTML) 1 Page - General Semiconductor

  BC327 Datasheet HTML 1Page - General Semiconductor BC327 Datasheet HTML 2Page - General Semiconductor BC327 Datasheet HTML 3Page - General Semiconductor BC327 Datasheet HTML 4Page - General Semiconductor BC327 Datasheet HTML 5Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
MECHANICAL DATA
Case: TO-92 Plastic Package
Weight: approx. 0.18 g
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Small Signal Transistors (PNP)
B
E
C
.181 (4.6)
.142 (3.6)
Dimensions in inches and (millimeters)
TO-92
Ratings at 25 °C ambient temperature unless otherwise specified
.098 (2.5)
max.∅ .022 (0.55)
4/98
Symbol
Value
Unit
Collector-Emitter Voltage
BC327
BC328
–VCES
–VCES
50
30
V
V
Collector-Emitter Voltage
BC327
BC328
–VCEO
–VCEO
45
25
V
V
Emitter-Base Voltage
–VEBO
5V
Collector Current
–IC
800
mA
Peak Collector Current
–ICM
1A
Base Current
–IB
100
mA
Power Dissipation at Tamb = 25 °C
Ptot
6251)
mW
Junction Temperature
Tj
150
°C
Storage Temperature Range
TS
–65 to +150
°C
1) Valid provided that leads are kept at ambient temperature at a distance of 2 mm from case.
PNP Silicon Epitaxial Planar Transistors for
switching and amplifier applications. Espe-
cially suit-able for AF-driver stages and
low-power output stages.
These types are also available subdivided
into three groups -16, -25, and -40, according
to their DC current gain. As complementary
types, the NPN transistors BC337 and BC338 are
recommended.
On special request, these transistors are also
manufactured in the pin configuration TO-18.
♦
♦
BC327, BC328
♦


Similar Part No. - BC327

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC327 MOTOROLA-BC327 Datasheet
160Kb / 4P
Amplifier Transistors(PNP)
logo
NXP Semiconductors
BC327 PHILIPS-BC327 Datasheet
47Kb / 8P
PNP general purpose transistor
1999 Apr 15
logo
Semtech Corporation
BC327 SEMTECH-BC327 Datasheet
424Kb / 5P
PNP Silicon Epitaxial Planar Transistor for switching and amplifier applications?
logo
Siemens Semiconductor G...
BC327 SIEMENS-BC327 Datasheet
143Kb / 6P
PNP Silicon AF Transistors (High current gain High collector current Low collector-emitter saturation voltage)
logo
Fairchild Semiconductor
BC327 FAIRCHILD-BC327 Datasheet
92Kb / 4P
PNP EPITAXIAL SILICON TRANSISTOR
More results

Similar Description - BC327

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
2N4403 GE-2N4403 Datasheet
98Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
BC556 GE-BC556 Datasheet
253Kb / 6P
Small Signal Transistors (PNP)
MMBT3906 GE-MMBT3906 Datasheet
136Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
MMBT4403 GE-MMBT4403 Datasheet
116Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
MMBTA56 GE-MMBTA56 Datasheet
56Kb / 2P
Small Signal Transistors (PNP)
MPS2907A GE-MPS2907A Datasheet
39Kb / 3P
SMALL SIGNAL TRANSISTORS (PNP)
logo
Vishay Siliconix
BCW61 VISHAY-BCW61 Datasheet
40Kb / 3P
Small Signal Transistors (PNP)
09-May-02
logo
Micro Commercial Compon...
DMMT3906 MCC-DMMT3906_11 Datasheet
236Kb / 4P
PNP Small Signal Transistors
MMSTA92 MCC-MMSTA92_11 Datasheet
204Kb / 2P
PNP Small Signal Transistors
MMST2907A MCC-MMST2907A_11 Datasheet
193Kb / 2P
PNP Small Signal Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com