Electronic Components Datasheet Search
  English  ▼

X  

AMC1204B Datasheet(PDF) 21 Page - Texas Instruments

Part # AMC1204B
Description  20MHz, Second-Order, Isolated Delta-Sigma Modulator for Current-Shunt Measurement
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC1204B Datasheet(HTML) 21 Page - Texas Instruments

Back Button AMC1204B Datasheet HTML 17Page - Texas Instruments AMC1204B Datasheet HTML 18Page - Texas Instruments AMC1204B Datasheet HTML 19Page - Texas Instruments AMC1204B Datasheet HTML 20Page - Texas Instruments AMC1204B Datasheet HTML 21Page - Texas Instruments AMC1204B Datasheet HTML 22Page - Texas Instruments AMC1204B Datasheet HTML 23Page - Texas Instruments AMC1204B Datasheet HTML 24Page - Texas Instruments AMC1204B Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
R
2
12W
R
3
12W
R
SHUNT
AMC1204
AMC1204B
Gated
Drive
Circuit
To Load
Floating
Power Supply
HV+
Isolation
Barrier
C
2
330pF
C
3
10pF
(optional)
AVDD
VINP
VINN
AGND
DVDD
DATA
CLKIN
DGND
C
4
10pF
(optional)
C
1
(1)
0.1 F
m
D
1
5.1V
R
1
Gated
Drive
Circuit
Power
Supply
HV-
AMC1204
AMC1204B
www.ti.com
SBAS512D – APRIL 2011 – REVISED DECEMBER 2013
APPLICATION INFORMATION
A typical operation of the AMC1204 and AMC1204B in a motor control application is shown in Figure 50.
Measurement of the motor phase current is done via the shunt resistor RSHUNT (in this case, a two-terminal
shunt). For better performance, the differential signal is filtered using RC filters (components R2, R3, and C2).
Optionally, C3 and C4 can be used to reduce charge dumping from the inputs. In this case, care should be taken
when choosing the quality of these capacitors—mismatch in values of these capacitors leads to a common-mode
error at the input of the modulator.
The high-side power supply (AVDD) for the AMC1204 and AMC1204B is derived from the power supply of the
upper gate driver. For lowest cost, a zener diode can be used to limit the voltage to 5V ±10%. A decoupling
capacitor of 0.1µF is recommended for filtering this power-supply path. This capacitor (C1 in Figure 50) should be
placed as close as possible to the AVDD pin for best performance. If better filtering is required, an additional 1µF
to 10µF capacitor can be used. The floating ground reference AGND is derived from the end of the shunt
resistor, which is connected to the negative input (VINN) of the AMC1204 and AMC1204B. If a four-terminal
shunt is used, the inputs of AMC1204 and AMC1204B are connected to the inner leads, while AGND is
connected to one of the outer leads of the shunt. Both digital signals, CLKIN and DATA, can be directly
connected to a digital filter (for example, the AMC1210); see Figure 51.
(1) Place C1 close to the AMC1204 and AMC1204B.
Figure 50. Typical Application Diagram
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: AMC1204 AMC1204B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com