Electronic Components Datasheet Search
  English  ▼

X  

DR331-1-102 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR331-1-102
Description  SMD INDUCTOR DR331-1 SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR331-1-102 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR331-1-102 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
November 2, 2011
DATATRONIC: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
.370
9,40
12
SUGGESTED PAD LAYOUT
.510 MAX.
12,95
.205 MAX.
5,21
.300
7,62
.100
2,54
.109
2,79
.290
7,37
.115
2,92
XXX
MECHANICAL SPECIFICATIONS
SMD INDUCTOR DR331-1 SERIES
Features
Low Profile Surface Mount Design
Inductance Range from 1.0µH to 1000µH
Operating Temp. -40°C to +85°C
Tinned Leads with Leaded Solder is Available (note 8)
ELECTRICAL SPECIFICATIONS AT 25ºC
Inductance
DCR
I rms (A)
I sat (A)
SRF
Part No.
(
H)  20%
(
) Max.
Max. (Note 3)
Max. (Note 2)
(MHz) REF.
DR331-1-102
1.0
0.009
6.80
9.0
100.0
DR331-1-152
1.5
0.010
6.40
8.0
90.0
DR331-1-222
2.2
0.012
6.10
7.0
80.0
DR331-1-332
3.3
0.015
5.40
6.4
65.0
DR331-1-472
4.7
0.018
4.80
5.4
45.0
DR331-1-682
6.8
0.027
4.40
4.6
38.0
DR331-1-103
10
0.038
3.90
3.8
30.0
DR331-1-153
15
0.046
3.10
3.0
27.0
DR331-1-223
22
0.085
2.70
2.6
19.0
DR331-1-333
33
0.10
2.10
2.0
15.0
DR331-1-473
47
0.14
1.80
1.6
12.0
DR331-1-683
68
0.20
1.50
1.4
10.0
DR331-1-104
100
0.28
1.30
1.2
9.0
DR331-1-154
150
0.40
1.00
1.0
6.0
DR331-1-224
220
0.61
0.80
0.8
5.0
DR331-1-334
330
1.02
0.60
0.6
4.5
DR331-1-474
470
1.27
0.50
0.5
3.5
DR331-1-684
680
2.02
0.40
0.4
2.5
DR331-1-105
1000
3.00
0.30
0.3
2.0
1
2
SCHEMATIC
NOTES:
1.
Dimensions are shown in inches/millimeters
Unless otherwise specified, tolerance
= Inches: ±0.010
= Millimeters: ±0,30
2.
Isat based on the inductance being 90% of its
initial value
3.
Irms based on temperature rise of 40°C
4.
Tape & Reel Packaging, 500 pcs / reel.
5.
Inductance tested at 0.1 Vrms @ 100 kHz
6.
Terminal finish is compliant to RoHS
requirements
7.
Solder in accordance with J-STD-002 Rev. D
8.
Non-RoHS series parts 42-331-1-XXX are
finished with leaded solder Sn60Pb40 or
equivalent


Similar Part No. - DR331-1-102

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR331-1-102 DATATRONICS-DR331-1-102 Datasheet
75Kb / 1P
SMD INDUCTOR
More results

Similar Description - DR331-1-102

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR331-2 DATATRONICS-DR331-2_14 Datasheet
73Kb / 1P
SMD INDUCTOR DR331-2 SERIES
DR331-3 DATATRONICS-DR331-3_14 Datasheet
71Kb / 1P
SMD INDUCTOR DR331-3 SERIES
DR331-4 DATATRONICS-DR331-4_14 Datasheet
79Kb / 1P
SMD INDUCTOR DR331-4 SERIES
DR331-5 DATATRONICS-DR331-5_14 Datasheet
82Kb / 1P
SMD INDUCTOR DR331-5 SERIES
DR331-6 DATATRONICS-DR331-6_14 Datasheet
76Kb / 1P
SMD INDUCTOR DR331-6 SERIES
DR331-7 DATATRONICS-DR331-7_14 Datasheet
80Kb / 2P
SHIELDED SMD INDUCTOR DR331-7 SERIES
DR331-8 DATATRONICS-DR331-8_14 Datasheet
71Kb / 1P
SHIELDED SMD INDUCTOR DR331-8 SERIES
DR331-9 DATATRONICS-DR331-9_14 Datasheet
94Kb / 1P
SHIELDED SMD INDUCTOR DR331-9 SERIES
DR353-1 DATATRONICS-DR353-1_14 Datasheet
88Kb / 2P
SMD INDUCTOR DR353-1 SERIES
DR365-1 DATATRONICS-DR365-1_14 Datasheet
74Kb / 1P
SMD INDUCTOR DR365-1 SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com