Electronic Components Datasheet Search
  English  ▼

X  

BC857 Datasheet(PDF) 5 Page - General Semiconductor

Part # BC857
Description  Small Signal Transistors (PNP)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BC857 Datasheet(HTML) 5 Page - General Semiconductor

  BC857 Datasheet HTML 1Page - General Semiconductor BC857 Datasheet HTML 2Page - General Semiconductor BC857 Datasheet HTML 3Page - General Semiconductor BC857 Datasheet HTML 4Page - General Semiconductor BC857 Datasheet HTML 5Page - General Semiconductor BC857 Datasheet HTML 6Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Collector current
versus base-emitter voltage
mA
10
5
-IC
10
1
0
10
-V
BE
BC856...BC859
2
4
3
2
5
4
3
2
5
4
3
2
-1
0.5
1 V
-VCE = 5 V
Tamb = 25 °C
Collector saturation voltage
versus collector current
V
0.5
0.4
-V
CEsat
0.3
0.2
1
0
0.1
-IC
BC856...BC859
10
2
5
2
5
25
10-1
10 mA
2
-50
°C
-IC
= 20
-IB
Tamb = 100 °C
25
°C
RATINGS AND CHARACTERISTIC CURVES BC856 THRU BC859



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com