Electronic Components Datasheet Search
  English  ▼

X  

ADC101S101 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # ADC101S101
Description  ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC101S101 Datasheet(HTML) 13 Page - Texas Instruments

Back Button ADC101S101 Datasheet HTML 9Page - Texas Instruments ADC101S101 Datasheet HTML 10Page - Texas Instruments ADC101S101 Datasheet HTML 11Page - Texas Instruments ADC101S101 Datasheet HTML 12Page - Texas Instruments ADC101S101 Datasheet HTML 13Page - Texas Instruments ADC101S101 Datasheet HTML 14Page - Texas Instruments ADC101S101 Datasheet HTML 15Page - Texas Instruments ADC101S101 Datasheet HTML 16Page - Texas Instruments ADC101S101 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
VIN
D1
R1
C2
26 pF
VA
D2
C1
4 pF
Conversion Phase - Switch Open
Track Phase - Switch Closed
MICROPROCESSOR
DSP
SCLK
CS
SDATA
GND
VA
ADC121S021
LP2950
5V
1 2F
0.1 2F
0.1 2F
1 2F
VIN
ADC121S021
www.ti.com
SNAS305I – JULY 2005 – REVISED JANUARY 2014
TYPICAL APPLICATION CIRCUIT
A typical application of the ADC is shown in Figure 19. Power is provided in this example by the Texas
Instruments LP2950 low-dropout voltage regulator, available in a variety of fixed and adjustable output voltages.
The power supply pin is bypassed with a capacitor network located close to the ADC. Because the reference for
the ADC is the supply voltage, any noise on the supply will degrade device noise performance. To keep noise off
the supply, use a dedicated linear regulator for this device, or provide sufficient decoupling from other circuitry to
keep noise off the ADC supply pin. Because of the ADC's low power requirements, it is also possible to use a
precision reference as a power supply to maximize performance. The three-wire interface is shown connected to
a microprocessor or DSP.
Figure 19. Typical Application Circuit
ANALOG INPUTS
An equivalent circuit for the ADC's input is shown in Figure 20. Diodes D1 and D2 provide ESD protection for the
analog inputs. At no time should the analog input go beyond (VA + 300 mV) or (GND − 300 mV), as these ESD
diodes will begin to conduct, which could result in erratic operation. For this reason, the ESD diodes should not
be used to clamp the input signal.
The capacitor C1 in Figure 20 has a typical value of 4 pF, and is mainly the package pin capacitance. Resistor
R1 is the on resistance of the track / hold switch, and is typically 500
Ω. Capacitor C2 is the ADC sampling
capacitor and is typically 26 pF. The ADC will deliver best performance when driven by a low-impedance source
to eliminate distortion caused by the charging of the sampling capacitance. This is especially important when
using the ADC to sample AC signals. Also important when sampling dynamic signals is an anti-aliasing filter.
Figure 20. Equivalent Input Circuit
DIGITAL INPUTS AND OUTPUTS
The ADC digital inputs (SCLK and CS) are not limited by the same maximum ratings as the analog inputs. The
digital input pins are instead limited to +5.25V with respect to GND, regardless of VA, the supply voltage. This
allows the ADC to be interfaced with a wide range of logic levels, independent of the supply voltage.
Copyright © 2005–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: ADC121S021



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com