Electronic Components Datasheet Search
  English  ▼

X  

BC859 Datasheet(PDF) 3 Page - General Semiconductor

Part # BC859
Description  Small Signal Transistors (PNP)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BC859 Datasheet(HTML) 3 Page - General Semiconductor

  BC859 Datasheet HTML 1Page - General Semiconductor BC859 Datasheet HTML 2Page - General Semiconductor BC859 Datasheet HTML 3Page - General Semiconductor BC859 Datasheet HTML 4Page - General Semiconductor BC859 Datasheet HTML 5Page - General Semiconductor BC859 Datasheet HTML 6Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
Symbol
Min.
Typ.
Max.
Unit
Collector-Base Capacitance
at –VCB = 10 V, f = 1 MHz
CCBO
––6pF
Noise Figure
at –VCE = 5 V, –IC = 200 µA, RG = 2 kΩ,
f = 1 kHz,
∆f = 200 Hz BC856, BC857, BC858
BC859
F
F
–
–
2
1
10
4
dB
dB
Noise Figure
at –VCE = 5 V, –IC = 200 µA, RG = 2 kΩ,
f = 30… 15000 Hz
BC859
F
–1.2
4dB
BC856 THRU BC859
Layout for RthJA test
Thickness: Fiberglass 0.059 in (1.5 mm)
Copper leads 0.012 in (0.3 mm)
.59 (15)
0.2 (5)
.03 (0.8)
.30 (7.5)
.12 (3)
.04 (1)
.06 (1.5)
.20 (5.1)
.08 (2)
.08 (2)
.04 (1)
Dimensions in inches (millimeters)
.47 (12)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com