Electronic Components Datasheet Search
  English  ▼

X  

BF421 Datasheet(PDF) 2 Page - General Semiconductor

Part # BF421
Description  Small Signal Transistors (PNP)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BF421 Datasheet(HTML) 2 Page - General Semiconductor

  BF421 Datasheet HTML 1Page - General Semiconductor BF421 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
Symbol
Min.
Typ.
Max.
Unit
Collector-Base Breakdown Voltage
BF421
at –IC = 100 µA, IE = 0
BF423
–V(BR)CBO
–V(BR)CBO
300
250
–
–
–
–
V
V
Collector-Emitter Breakdown Voltage
BF423
at –IC = 10 mA, IB = 0
–V(BR)CEO
250
–
–
V
Collector-Emitter Breakdown Voltage
BF421
at RBE = 2.7 kΩ, at –IC = 10 mA
–V(BR)CER
300
––V
Emitter-Base Breakdown Voltage
at –IE = 100 µA, IC = 0
–V(BR)EBO
5––V
Collector-Base Cutoff Current
at –VCB = 200 V, IE = 0
–ICBO
––10
nA
Collector-Emitter Cutoff Current
at RBE = 2.7 kΩ, –VCE = 250 V
at RBE = 2.7 kΩ, –VCE = 200 V, Tj = 150 °C
–ICER
–ICER
50
10
nA
µA
Collector Saturation Voltage
at –IC = 30 mA, –IB = 5 mA
–VCEsat
––0.8
V
DC Current Gain
at –VCE = 20 V, –IC = 25 mA
hFE
50
–––
Gain-Bandwidth Product
at –VCE = 10 V, –IC = 10 mA
fT
60
––MHz
Feedback Capacitance
at –VCE = 30 V, –IC = 0, f = 1 MHz
Cre
––1.6
pF
Thermal Resistance Junction to Ambient Air
RthJA
–
–
1501)
K/W
1) Valid provided that leads are kept at ambient temperature at a distance of 2 mm from case.
BF421, BF423



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com