Electronic Components Datasheet Search
  English  ▼

X  

IRF340 Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # IRF340
Description  400V, N-CHANNEL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

IRF340 Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  IRF340 Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc. IRF340 Datasheet HTML 2Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - IRF340

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF340 SAMSUNG-IRF340 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF340 FAIRCHILD-IRF340 Datasheet
154Kb / 5P
N-Channel Power MOSFETs, 10A, 350V/400V
logo
International Rectifier
IRF340 IRF-IRF340 Datasheet
145Kb / 7P
TRANSISTORS N-CHANNEL(Vdss=400V, Rds(on)0.55ohm, Id=10A)
IRF340 IRF-IRF340 Datasheet
149Kb / 7P
Repetitive Avalanche Ratings
logo
Inchange Semiconductor ...
IRF340 ISC-IRF340 Datasheet
49Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IRF340

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
400V N-Channel MOSFET
FQP7N40 FAIRCHILD-FQP7N40 Datasheet
757Kb / 8P
400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
400V N-Channel MOSFET
IRF740B FAIRCHILD-IRF740B Datasheet
894Kb / 10P
400V N-Channel MOSFET
IRFR330B FAIRCHILD-IRFR330B Datasheet
671Kb / 9P
400V N-Channel MOSFET
IRFW740B FAIRCHILD-IRFW740B Datasheet
678Kb / 9P
400V N-Channel MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com