Electronic Components Datasheet Search
  English  ▼

X  

BF820 Datasheet(PDF) 2 Page - General Semiconductor

Part # BF820
Description  Small Signal Transistors (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BF820 Datasheet(HTML) 2 Page - General Semiconductor

  BF820 Datasheet HTML 1Page - General Semiconductor BF820 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
BF820, BF822
Symbol
Min.
Typ.
Max.
Unit
Collector-Base Breakdown Voltage
BF820
at IC = 100 µA, IB = 0
BF822
V(BR)CBO
V(BR)CBO
300
250
–
–
–
–
V
V
Collector-Emitter Breakdown Voltage
BF822
at IC = 10 mA, IE = 0
V(BR)CEO
250
–
–
V
Collector-Emitter Breakdown Voltage
BF820
at RBE = 2.7 kΩ, IC = 10 mA
V(BR)CER
300
––V
Emitter-Base Breakdown Voltage
at IE = 100 µA, IB = 0
V(BR)EBO
5––V
Collector-Base Cutoff Current
at VCB = 200 V, IE = 0
ICBO
––10
nA
Collector-Emitter Cutoff Current
at RBE = 2.7 kΩ, VCE = 250 V
at RBE = 2.7 kΩ, VCE = 200 V, Tj = 150 °C
ICER
ICER
50
10
nA
µA
Collector Saturation Voltage
at IC = 30 mA, IB = 5 mA
VCEsat
––0.6
V
DC Current Gain
at VCE = 20 V, IC = 25 mA
hFE
50
–––
Gain-Bandwidth Product
at VCE = 10 V, IC = 10 mA
fT
60
––MHz
Feedback Capacitance
at VCE = 30 V, IC = 0, f = 1 MHz
Cre
––1.6
pF
Thermal Resistance Junction to Ambient Air
RthJA
–
–
4301)
K/W
1) Device on fiberglass substrate, see layout
Layout for RthJA test
Thickness: Fiberglass 0.059 in (1.5 mm)
Copper leads 0.012 in (0.3 mm)
.59 (15)
0.2 (5)
.03 (0.8)
.30 (7.5)
.12 (3)
.04 (1)
.06 (1.5)
.20 (5.1)
.08 (2)
.08 (2)
.04 (1)
Dimensions in inches (millimeters)
.47 (12)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com