Electronic Components Datasheet Search
  English  ▼

X  

BC849B Datasheet(PDF) 1 Page - General Semiconductor

Part # BC849B
Description  Small Signal Transistors (NPN)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BC849B Datasheet(HTML) 1 Page - General Semiconductor

  BC849B Datasheet HTML 1Page - General Semiconductor BC849B Datasheet HTML 2Page - General Semiconductor BC849B Datasheet HTML 3Page - General Semiconductor BC849B Datasheet HTML 4Page - General Semiconductor BC849B Datasheet HTML 5Page - General Semiconductor BC849B Datasheet HTML 6Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Dimensions in inches and (millimeters)
SOT-23
.016 (0.4)
.037(0.95) .037(0.95)
.122 (3.1)
.016 (0.4)
.016 (0.4)
3
12
Top View
.102 (2.6)
.118 (3.0)
.094 (2.4)
Case: SOT-23 Plastic Package
Weight: approx. 0.008 g
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
Pin configuration
1 = Base, 2 = Emitter, 3 = Collector.
FEATURES
Small Signal Transistors (NPN)
5/98
Symbol
Value
Unit
Collector-Base Voltage
BC846
BC847
BC848, BC849
VCBO
VCBO
VCBO
80
50
30
V
V
V
Collector-Emitter Voltage
BC846
BC847
BC848, BC849
VCES
VCES
VCES
80
50
30
V
V
V
Collector-Emitter Voltage
BC846
BC847
BC848, BC849
VCEO
VCEO
VCEO
65
45
30
V
V
V
Emitter-Base Voltage
BC846, BC847
BC848, BC849
VEBO
VEBO
6
5
V
V
Collector Current
IC
100
mA
Peak Collector Current
ICM
200
mA
Peak Base Current
IBM
200
mA
Peak Emitter Current
–IEM
200
mA
Power Dissipation at TSB = 50 °C
Ptot
3101)
mW
Junction Temperature
Tj
150
°C
Storage Temperature Range
TS
–65 to +150
°C
1) Device on fiberglass substrate, see layout
BC846 THRU BC849
NPN Silicon Epitaxial Planar Transistors
for switching and AF amplifier applications.
Especially suited for automatic insertion in
thick- and thin-film circuits.
These transistors are subdivided into three
groups A, B and C according to their current gain. The
type BC846 is available in groups A and B, however, the
types BC847 and BC848 can be supplied in all three
groups. The BC849 is a low noise type available in groups
B and C. As complementary types, the PNP transistors
BC856...BC859 are recommended.
♦
♦
♦
Marking code
Type
Marking
BC846A
B
BC847A
B
C
1A
1B
1E
1F
1G
Type
Marking
BC848A
B
C
BC849B
C
1J
1K
1L
2B
2C


Similar Part No. - BC849B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC849B PHILIPS-BC849B Datasheet
46Kb / 8P
NPN general purpose transistors
1999 Apr 08
logo
Zowie Technology Corpor...
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
GENERAL PURPOSE TRANSISTOR NPN SILICON
logo
Siemens Semiconductor G...
BC849B SIEMENS-BC849B Datasheet
273Kb / 8P
NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Infineon Technologies A...
BC849B INFINEON-BC849B Datasheet
216Kb / 8P
NPN Silicon AF Transistors
Nov-20-2002
logo
Diotec Semiconductor
BC849B DIOTEC-BC849B Datasheet
186Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BC849B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
2N5320 STMICROELECTRONICS-2N5320 Datasheet
67Kb / 4P
SMALL SIGNAL NPN TRANSISTORS
Jun-1997
logo
General Semiconductor
2N3904 GE-2N3904 Datasheet
112Kb / 3P
SMALL SIGNAL TRANSISTORS NPN
2N4124 GE-2N4124 Datasheet
210Kb / 5P
Small Signal Transistors (NPN)
BC337 GE-BC337 Datasheet
224Kb / 5P
Small Signal Transistors (NPN)
BC546 GE-BC546 Datasheet
263Kb / 6P
Small Signal Transistors (NPN)
MMBTA06 GE-MMBTA06 Datasheet
56Kb / 2P
Small Signal Transistors (NPN)
logo
STMicroelectronics
BC847C STMICROELECTRONICS-BC847C Datasheet
57Kb / 4P
SMALL SIGNAL NPN TRANSISTORS
Jun-2002
logo
Micro Commercial Compon...
DMMT3904 MCC-DMMT3904 Datasheet
217Kb / 4P
NPN Small Signal Transistors
MMST3904 MCC-MMST3904 Datasheet
78Kb / 3P
NPN Small Signal Transistors
MMST5551 MCC-MMST5551_13 Datasheet
235Kb / 2P
NPN Small Signal Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com