Electronic Components Datasheet Search
  English  ▼

X  

BS208 Datasheet(PDF) 2 Page - General Semiconductor

Part # BS208
Description  DMOS Transistors (P-Channel)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BS208 Datasheet(HTML) 2 Page - General Semiconductor

  BS208 Datasheet HTML 1Page - General Semiconductor BS208 Datasheet HTML 2Page - General Semiconductor BS208 Datasheet HTML 3Page - General Semiconductor BS208 Datasheet HTML 4Page - General Semiconductor BS208 Datasheet HTML 5Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
Symbol
Min.
Typ.
Max.
Unit
Drain-Source Breakdown Voltage
at –ID = 100 µA, VGS = 0
–V(BR)DSS
240
250
–
V
Gate-Body Leakage Current
at –VGS = 15 V, VDS = 0
–IGSS
––10
nA
Drain Cutoff Current
at –VDS = 130 V, VGS = 0
at –VDS = 70 V, –VGS = 0.2 V
–IDSS
–IDSX
–
–
–
–
1
25
µA
µA
Gate-Source Threshold Voltage
at VGS = VDS, –ID = 1 mA
–VGS(th)
0.8
1.5
2.5
V
Drain-Source ON Resistance
at –VGS = 5 V, –ID = 100 mA
RDS(ON)
–714
Ω
Thermal Resistance Junction to Ambient Air
RthJA
–
–
1501)
K/W
Capacitances
at –VDS = 20 V, VGS = 0, f = 1 MHz
Input Capacitance
Output Capacitance
Feedback Capacitance
Ciss
Coss
Crss
–
–
–
200
30
10
–
–
–
pF
pF
pF
Switching Times at –ID = 200 mA, –UGS = 10 V
Turn-on Time
Fall Time
ton
tf
–
–
5
15
–
–
ns
ns
1) Valid provided that leads are kept at ambient temperature at a distance of 2 mm from case.
BS208



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com