Electronic Components Datasheet Search
  English  ▼

X  

182 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # 182
Description  2 3-CIRCUIT MATING CONNECTORS WITH PUSH-IN TERMINATIONS ALLOWS TOOL- FREE AND SIMPLE INSTALLATION AT OEM AND IN FIELD
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

182 Datasheet(HTML) 1 Page - DB Lectro Inc

  182 Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES/BENEFITS:
ELECTRICAL:
MECHANICAL:
PHYSICAL:
STANDARDS & SPECIFICATIONS:
WIRE RANGE:
MODELS 182 & 183
DIMENSIONS:
MODEL 182
MODEL 183
ORDERING INFO:
FACTORY CONTACT:
SALES CONTACT:
REVISION: APRIL 21, 2009
ENGINEERED SOLUTIONS
IDEAL INDUSTRIES, INC.
BECKER PLACE SYCAMORE IL
USA 60178
P: 1-800-324-9571
F: 1-888-222-6140
E: oem@idealindustries.com
MODELS 182 & 183
VOLTAGE:
CURRENT INTERRUPTION:
CURRENT RATED DEVICE:
120V
277V
347V
480V
600V
HOUSING:
CONTACTS:
PLATING:
TEMPERATURE:
STRIP LENGTH:
COLOR:
POLARIZED:
18 AWG INSERTION FORCE:
½"KO (0.875" HOLE):
UL 2459
CSA C22.2 #182.3
RoHS COMPLIANT
NEC 2008 410.130(G) COMPLIANT
CEC 30-308(4) COMPLIANT
UL 94V-0 FLAME RATING
US & FOREIGN PATENTS PENDING
600 V MAX
10 CYCLES
3 AMPS
1.3 AMPS
1.0 AMP
0.75 AMP
0.60 AMP
NYLON 94V-0
COPPER ALLOY
TIN
105 C (221 F)
⅜" (9,5 mm)
ORANGE
YES
3 LB (13 N) MAX
COMPLIANT
-2 & 3-CIRCUIT MATING CONNECTORS WITH PUSH-IN TERMINATIONS ALLOWS TOOL- FREE AND
SIMPLE INSTALLATION AT OEM AND IN FIELD
-LOW PROFILE 18 AWG DESIGN CONVENIENT FOR SMALL SPACES
-TOUCH-SAFE DESIGN ON BOTH HALVES, MEETS UL/CSA REQUIREMENT
-WIPING CONTACT DESIGN ALLOWS SAFE DISCONNECT UNDER LOAD
-LOW INSERTION FORCE MAY REDUCE RISK OF REPETITIVE TRAUMA INJURY
CATALOG #
30-682
30-683
30-682L
PACKAGE TYPE:
2,500 PIECE CARTON
2,500 PIECE CARTON
1,000 PIECE CARTON
WEIGHT LBS (KG):
19.3 (8,8)
30.3 (13,8)
18.5 (8,4)
# CIRCUITS
2
3
2 w/ 6" POWER
SIDE LEADS
TIN BONDED
18 AWG (≤16 STRAND)
MODEL
182
183
182
SOLID
STRANDED
18 AWG
N/A
LUMINAIRE DISCONNECT


Similar Part No. - 182

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
182 ETC2-182 Datasheet
115Kb / 2P
RUGGED and LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
logo
DB Lectro Inc
182 DBLECTRO-182 Datasheet
195Kb / 1P
2 3-CIRCUIT MATING CONNECTORS WITH PUSH-IN TERMINATIONS ALLOWS TOOL- FREE AND SIMPLE INSTALLATION AT OEM AND IN FIELD
logo
Abbatron All Rights Res...
182 ABBATRON-182 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Keystone Electronics Co...
182 KEYSTONE-182 Datasheet
418Kb / 1P
RUGGED & LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
31-07 20th
logo
Altech corporation
182-001 ALTECH-182-001 Datasheet
2Mb / 18P
TG88-6 ??ABS and Polycarbonate ??84 x 82 x 55 mm (3.31 x 3.23 x 2.17 in.)
More results

Similar Description - 182

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
182 DBLECTRO-182 Datasheet
195Kb / 1P
2 3-CIRCUIT MATING CONNECTORS WITH PUSH-IN TERMINATIONS ALLOWS TOOL- FREE AND SIMPLE INSTALLATION AT OEM AND IN FIELD
logo
PHOENIX CONTACT
1424652 PHOENIX-1424652 Datasheet
87Kb / 4P
Easy and tool-free connection by means of Push-in Technology
1424658 PHOENIX-1424658 Datasheet
90Kb / 4P
Easy and tool-free connection by means of Push-in Technology
1424663 PHOENIX-1424663 Datasheet
90Kb / 4P
Easy and tool-free connection by means of Push-in Technology
1424667 PHOENIX-1424667 Datasheet
89Kb / 4P
Easy and tool-free connection by means of Push-in Technology
1424668 PHOENIX-1424668 Datasheet
89Kb / 4P
Easy and tool-free connection by means of Push-in Technology
1424678 PHOENIX-1424678 Datasheet
92Kb / 4P
Easy and tool-free connection by means of Push-in Technology
1424684 PHOENIX-1424684 Datasheet
96Kb / 4P
Easy and tool-free connection by means of Push-in Technology
1424695 PHOENIX-1424695 Datasheet
93Kb / 4P
Easy and tool-free connection by means of Push-in Technology
1424700 PHOENIX-1424700 Datasheet
90Kb / 4P
Easy and tool-free connection by means of Push-in Technology
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com