Electronic Components Datasheet Search
  English  ▼

X  

351102 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # 351102
Description  LED SMD Connectors Pin Spacing 4.0mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

351102 Datasheet(HTML) 1 Page - DB Lectro Inc

  351102 Datasheet HTML 1Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
6SHFLDO/('3URGXFWV60'IODW
/('60'&RQQHFWRUV3LQ6SDFLQJPP
$SSURYDOV
&OLFN IRU$SSURYDOV 3')
1RPLQDO FURVV VHFWLRQ PP
$:*
 
9ROWDJHUDWLQJ
9
S
S

7HFKQLFDOGDWD
&RQQHFWLRQ
FODPSLQJVSULQJFRQWDFWV
FRQGXFWRUVL]H PPð VROLGRUIOH[LEOH
)L[LQJ
60'
0RXOGLQJV
33$*)ZKLWH
IODPPDELOLW\UDWLQJWR8/9
FRQWLQXRXVZRUNLQJWHPSHUDWXUHƒ&
VKRUWWLPHWHPSHUDWXUHƒ&
&RQWDFWV
VSULQJVWHHOFRSSHU
9ROWDJHUDWLQJ
SROH9WR(1
SROH9WR(1
&XUUHQWUDWLQJ
$
/RZHUOLPLW WHPSHUDWXUH ƒ&
8SSHUOLPLWWHPSHUDWXUH
ƒ&
6WULSSLQJOHQJWK
 PP
3URWHFWLRQ FODVV
,3
3DFNDJLQJ
7DSH5HHOZLWKUHHO
$FFHVVRULHV
60'IODW7RRO /('60'&RQQHFWRUV3LQ6SDFLQJPP
2UGHULQIR
'HVFULSWLRQ
,WHP
2UGHU1R
38
SROH
60'IODW 

SROH
60'IODW 

5HOHDVHWRRO 60'IODW:.= 

3DJHVXU
$GHOV&RQWDFW 60'IODW

KWWSZZZDGHOVFRQWDFWGHZHEHQNDUW"%E<M$&ZG<$%'(%


Similar Part No. - 351102

ManufacturerPart #DatasheetDescription
logo
Lumberg
351102 LUMBERG-351102 Datasheet
117Kb / 2P
RAST-2.5-Steckverbinder, Raster 2,5/5,0 mm
351102 LUMBERG-351102 Datasheet
560Kb / 4P
RAST 2.5 connectors, pitch 2.5/5.0 mm
logo
Adels-Contact
351102 ADELS-351102 Datasheet
115Kb / 2P
SMDflat 345/ 2 white
More results

Similar Description - 351102

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
594SDRD EVERLIGHT-594SDRD Datasheet
97Kb / 6P
2.0*4.0mm Rectangular Type LED Lamps
594ID EVERLIGHT-594ID Datasheet
91Kb / 4P
2.0*4.0mm Rectangular Type LED Lamps
logo
MMD Components
SXXBA1 MMD-SXXBA1 Datasheet
76Kb / 1P
4.0mm X 2.5mm SMD Package
logo
SUYIN USA, INC.
060125MA SUYIN-USA-060125MA Datasheet
85Kb / 1P
4.0mm PITCH PROBE PIN CONNECTOR PIN BATTERY
logo
Everlight Electronics C...
594SUBC-C470-S400-A4 EVERLIGHT-594SUBC-C470-S400-A4 Datasheet
180Kb / 7P
2.0*4.0MM RECTANGULAR TYPE LED LAMPS
594SURD-S530-A3 EVERLIGHT-594SURD-S530-A3 Datasheet
117Kb / 6P
2.0*4.0mm Rectangular Type LED Lamps
594SYGD-S530-E2 EVERLIGHT-594SYGD-S530-E2 Datasheet
117Kb / 6P
2.0*4.0mm Rectangular Type LED Lamps
logo
DB Lectro Inc
351101 DBLECTRO-351101 Datasheet
156Kb / 1P
LED SMD Connectors Pin Spacing 4.0mm
logo
BetLux Electronics
BL-L413 BETLUX-BL-L413 Datasheet
231Kb / 4P
4.0mm Round Type LED lamp
REV NO: V.2
logo
Fox Electronics
C4BS FOX-C4BS Datasheet
218Kb / 3P
4.0mm x 2.5mm Ceramic SMD Crystal
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com