Electronic Components Datasheet Search
  English  ▼

X  

BS809 Datasheet(PDF) 2 Page - General Semiconductor

Part # BS809
Description  DMOS Transistors (N-Channel)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BS809 Datasheet(HTML) 2 Page - General Semiconductor

  BS809 Datasheet HTML 1Page - General Semiconductor BS809 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ELECTRICAL CHARACTERISTICS
Ratings at 25 °C ambient temperature unless otherwise specified
BS809
Symbol
Min.
Typ.
Max.
Unit
Drain-Source Breakdown Voltage
at ID = 100 µA, VGS = 0 V
V(BR)DSS
400
430
–
V
Gate-Body Leakage Current, Forward
at VGSF = 20 V, VDS = 0 V
IGSSF
–
–
100
nA
Gate-Body Leakage Current, Reverse
at VGSR = 20 V, VDS = 0 V
IGSSR
–
–
100
nA
Drain Cutoff Current
at VDS = 400 V, VGS = 0 V
IDSS
–
–
500
nA
Gate-Source Threshold Voltage
at VGS = VDS, ID = 250 µA
VGS(th)
11.5
2.5
V
Drain-Source ON Resistance
at VGS = 5 V, ID = 100 mA
RDS(on)
–18
22
Ω
Capacitances
at VDS = 25 V, VGS = 0 V, f = 1 MHz
Input Capacitance
Output Capacitance
Feedback Capacitance
CiSS
COSS
CrS
–
–
–
80
20
10
–
–
–
pF
pF
pF
Switching Times
at VGS = 10 V, VDS = 10 V, RD = 100 Ω
Turn-On Time
Turn-Off Time
ton
toff
–
–
10
50
–
–
ns
ns
Thermal Resistance Junction to Substrate
Backside
RthSB
3201)
Thermal Resistance Junction to Ambient Air
RthJA
–
–
4501)
K/W
1) Device on fiberglass substrate, see layout
Layout for RthJA test
Thickness: Fiberglass 0.059 in (1.5 mm)
Copper leads 0.012 in (0.3 mm)
.59 (15)
0.2 (5)
.03 (0.8)
.30 (7.5)
.12 (3)
.04 (1)
.06 (1.5)
.20 (5.1)
.08 (2)
.08 (2)
.04 (1)
Dimensions in inches (millimeters)
.47 (12)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com