Electronic Components Datasheet Search
  English  ▼

X  

112A Datasheet(PDF) 2 Page - Switchcraft, Inc.

Part # 112A
Description  1/4 ENCLOSED PHONE JACKS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

112A Datasheet(HTML) 2 Page - Switchcraft, Inc.

  112A Datasheet HTML 1Page - Switchcraft, Inc. 112A Datasheet HTML 2Page - Switchcraft, Inc. 112A Datasheet HTML 3Page - Switchcraft, Inc. 112A Datasheet HTML 4Page - Switchcraft, Inc. 112A Datasheet HTML 5Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Hi-D® Jax 2- and 3-CONDUCTOR
Hi-D Jax® 2- and 3-conductor enclosed phone jacks are ideal for panel/chassis and PC
board mounting. Unitized molded housing protects springs, provides mechanical and
electrical reliability, minimizes leakage and provides low capacity between springs.
Mounts on .625 inch minimum centers in rows or arrays. .25 inch or .21 in inside diameter
bushing types, metal or thermoplastic bushings (for insulated mounting). Insulated Hi-D
Jax® jacks are specifically designed for in-circuit (insulated) mounting from mounting
surface and have fully protected enclosed internal sleeve feature. Solder lugs or PC
terminals may be selected.
MOUNTING
Jacks mount in a single .375 inch diameter hole on .625 inch minimum centers. Series
11*, N11*, NS11* and S11* mount in panels up to .156 inch thick. Series L11* and
NL11* (long bushing) mount in panels up to .25 inch thick. Jacks with PC terminals
mount on PC boards up to .094 inch thick. Formed "shoulders" on each terminal provide
stable stand-off mount. Threaded bushing permits mechanical connection to equipment
panel. Mounting hardware is supplied.
SERIES 11* - 2- and 3-conductor types, threaded metal
bushing .276 inch long. .25 inch inside diameter
bushings.
SERIES L11* - Same as Series 11*, except bushing is .375
inch long for mounting in panels up to .25 inch thick.
SERIES N11* - Same as Series 11*, except bushing is
molded thermoplastic for insulated mounting.
SERIES NL11* - Same as Series N11*, except bushing
is .375 inch long for insulated mounting in panels up to



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com