Electronic Components Datasheet Search
  English  ▼

X  

224913 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 224913
Description  M 2,54 SRC-A, 6-polig
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

224913 Datasheet(HTML) 1 Page - ERNI Electronics

  224913 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Anforderungsstufe 1
Performance Level 1
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6 µm
Terminal Area 4-6 µm tin plating
Koplanarität der Anschlüsse ≤ 0,1 mm
Coplanarity Area of Termination ≤ 0,1 mm
Abspulrichtung -
Reel off Direction
330
Tape on Reel Packaging
Verpackungseinheit: 440 Stück
Verpackt in Gurtverpackung
Packaging unit: 440 pcs
Ident-Nr.
part-no.
Codierung
coding
Farbe
color
AB
C
D
Bemerkung
note
454195
weiß
white
0,6
6,6
1,2
6,0
Codierung wie Variante
schwarz
Encoding such variant
black
254702
rot
red
4,2
3,0
4,8
2,4
254701
grün
green
3,0
4,2
3,6
3,6
254700
blau
blue
1,8
5,4
2,4
4,8
254699
schwarz
black
0,6
6,6
1,2
6,0
A2
prior notice.
contact one of the ERNI companies
Date
15.04.2013
e
Index
SRCA
M 2,54 SRC-A, 6-polig
224913
3:1
Information:
Tolerances
Scale
All Dimensions
I
www.ERNI.com
Designation
Class
in mm
before using.
Drawing will not be updated.
Subject to modification without
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
21,7
20,5
a1
18
±0,05
19
2,54
12,7
D
C
5 x 2,54 =
A
B
0,75 -0,1
5,05
a1
20
Leiterplatten-Layout Vorschlag für SMT
PCB-Layout Proposal for SMT
a1
12,7
1,6
5 x 2,54 =
0,4
1,95
±0,05
1,02
-0,03
19
2,54
3,15 ±0,03


Similar Part No. - 224913

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
224910-1 TEC-224910-1 Datasheet
3Mb / 60P
AMPMODU Interconnection System
Revised 8-08
224910-2 TEC-224910-2 Datasheet
3Mb / 60P
AMPMODU Interconnection System
Revised 8-08
224910-3 TEC-224910-3 Datasheet
3Mb / 60P
AMPMODU Interconnection System
Revised 8-08
224910-4 TEC-224910-4 Datasheet
3Mb / 60P
AMPMODU Interconnection System
Revised 8-08
224910-6 TEC-224910-6 Datasheet
3Mb / 60P
AMPMODU Interconnection System
Revised 8-08
More results

Similar Description - 224913

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
103602000001 ERNI-103602000001 Datasheet
58Kb / 1P
M 2,54 SRC-A, 6-polig
100804240001 ERNI-100804240001 Datasheet
58Kb / 1P
M 2,54 SRC-A, 6-polig
100904600001 ERNI-100904600001 Datasheet
58Kb / 1P
M 2,54 SRC-A, 6-polig
100903880001 ERNI-100903880001 Datasheet
58Kb / 1P
M 2,54 SRC-A, 6-polig
102003880001 ERNI-102003880001 Datasheet
53Kb / 1P
M 2,54 SRC-A 6/2-polig
102003210051 ERNI-102003210051 Datasheet
57Kb / 1P
M 2,54 SRC-A, 6-polig
101903880001 ERNI-101903880001 Datasheet
53Kb / 1P
M 2,54 SRC-A 6/2-polig
104203880001 ERNI-104203880001 Datasheet
59Kb / 1P
M 2,54 SRC-A, 6-polig
105102000001 ERNI-105102000001 Datasheet
58Kb / 1P
M 2,54 SRC-A, 6-polig
104803880001 ERNI-104803880001 Datasheet
59Kb / 1P
M 2,54 SRC-A, 6-polig
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com