Electronic Components Datasheet Search
  English  ▼

X  

DR335 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR335
Description  SMD INDUCTOR DR335 SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR335 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR335_14 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
April 5, 2013
DATATRONIC: 28151Highway 74, Menifee, CA 92585 Tel: 951-928-7700 Fax: 951-928-7701 Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
SMD INDUCTOR DR335 SERIES
Features
Low Profile Surface Mount Design
Inductance Range from 1.8 µH to 1000µH
Operating Temp. -20°C to +80°C
Tinned Leads with Leaded Solder is Available (note 6)
ELECTRICAL SPECIFICATIONS AT 25ºC
PART No.
INDUCTANCE (
H)
DCR
(
) Max.
RATED CURRENT
(A) Max.
DR335-182
1.8
 20%
@ 7.96MHz
0.035
3.50
DR335-272
2.7
 20%
@ 7.96MHz
0.041
3.30
DR335-472
4.7
 20%
@ 7.96MHz
0.048
3.00
DR335-682
6.8
 20%
@ 7.96MHz
0.050
2.70
DR335-822
8.2
 20%
@ 7.96MHz
0.055
2.50
DR335-103
10
 20%
@ 2.52MHz
0.06
2.30
DR335-123
12
 20%
@ 2.52MHz
0.07
2.00
DR335-153
15
 20%
@ 2.52MHz
0.08
1.80
DR335-183
18
 20%
@ 2.52MHz
0.10
1.61
DR335-223
22
 20%
@ 2.52MHz
0.11
1.50
DR335-273
27
 10%
@ 2.52MHz
0.13
1.30
DR335-333
33
 10%
@ 2.52MHz
0.14
1.20
DR335-393
39
 10%
@ 2.52MHz
0.16
1.10
DR335-473
47
 10%
@ 2.52MHz
0.20
1.10
DR335-563
56
 10%
@ 2.52MHz
0.24
0.94
DR335-683
68
 10%
@ 2.52MHz
0.28
0.85
DR335-823
82
 10%
@ 2.52MHz
0.37
0.78
DR335-104
100
 10%
@ 1kHz
0.44
0.72
DR335-124
120
 10%
@ 1kHz
0.47
0.66
DR335-154
150
 10%
@ 1kHz
0.64
0.58
DR335-184
180
 10%
@ 1kHz
0.71
0.51
DR335-224
220
 10%
@ 1kHz
0.96
0.49
DR335-274
270
 10%
@ 1kHz
1.11
0.42
DR335-334
330
 10%
@ 1kHz
1.26
0.40
DR335-394
390
 10%
@ 1kHz
1.77
0.36
DR335-474
470
 10%
@ 1kHz
1.96
0.34
DR335-684
680
 10%
@ 1kHz
2.20
0.25
DR335-105
1000
 10%
@ 1kHz
3.96
0.23
MECHANICAL OUTLINES
XXX
NOTES:
1.
All dimensions are shown in millimeters “mm” [inches “in”].
2.
General tolerance
0.25mm [0.010 in.], unless otherwise specified.
3.
Tape and reel quantity, 1000 pcs/reel.
4.
Terminal finish is compliant to RoHS requirements
5.
Solder in accordance with J-STD-002 Rev. D
6.
Non-RoHS series parts 42-335-XXX are finished with leaded solder Sn60Pb40 or equivalent
7.90
[0.311]
PCB SOLDER PAD LAYOUT (REF.)
7.20
[0.283]
1.60
[0.063]
SCHEMATIC
2
1
7.00±0.3
[0.276]
7.70±0.3
[0.303]
TOP VIEW
BOTTOM VIEW
1.80
[0.071]
SIDE VIEW
4.80
[0.189]
5.00
[0.197]


Similar Part No. - DR335_14

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR335-103 DATATRONICS-DR335-103 Datasheet
102Kb / 1P
SMD INDUCTOR
DR335-104 DATATRONICS-DR335-104 Datasheet
102Kb / 1P
SMD INDUCTOR
DR335-105 DATATRONICS-DR335-105 Datasheet
102Kb / 1P
SMD INDUCTOR
DR335-123 DATATRONICS-DR335-123 Datasheet
102Kb / 1P
SMD INDUCTOR
DR335-124 DATATRONICS-DR335-124 Datasheet
102Kb / 1P
SMD INDUCTOR
More results

Similar Description - DR335_14

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
DN1047 MACOM-DN1047 Datasheet
76Kb / 3P
SMD Unshielded Inductor Series
logo
Datatronic Distribution...
DR331-4-102 DATATRONICS-DR331-4-102 Datasheet
85Kb / 1P
SMD INDUCTOR
DR336-103 DATATRONICS-DR336-103 Datasheet
104Kb / 1P
SMD INDUCTOR
DR353-2-102 DATATRONICS-DR353-2-102 Datasheet
86Kb / 1P
SMD INDUCTOR
logo
XFMRS Inc.
XFSMD6-333 XFMRS-XFSMD6-333 Datasheet
40Kb / 1P
SMD Inductor
XFSMDR62-100N XFMRS-XFSMDR62-100N Datasheet
38Kb / 1P
SMD Inductor
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
SMD Power Inductor SMD Power Inductor
logo
Datatronic Distribution...
DR333 DATATRONICS-DR333_14 Datasheet
122Kb / 1P
SMD INDUCTOR DR333 SERIES
DR334 DATATRONICS-DR334_14 Datasheet
102Kb / 1P
SMD INDUCTOR DR334 SERIES
DR336 DATATRONICS-DR336_14 Datasheet
98Kb / 1P
SMD INDUCTOR DR336 SERIES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com