Electronic Components Datasheet Search
  English  ▼

X  

PC851X Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC851X
Description  DIP 4pin High Collector-emitter Voltage Photocoupler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC851X Datasheet(HTML) 1 Page - Sharp Corporation

  PC851X Datasheet HTML 1Page - Sharp Corporation PC851X Datasheet HTML 2Page - Sharp Corporation PC851X Datasheet HTML 3Page - Sharp Corporation PC851X Datasheet HTML 4Page - Sharp Corporation PC851X Datasheet HTML 5Page - Sharp Corporation PC851X Datasheet HTML 6Page - Sharp Corporation PC851X Datasheet HTML 7Page - Sharp Corporation PC851X Datasheet HTML 8Page - Sharp Corporation PC851X Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PC851X Series
1. Recognized by UL1577 (Double protection isolation),
file No. E64380 (as model No. PC851)
2. Package resin : UL flammability grade (94V-0)
■ Features
■ Agency approvals/Compliance
1. Telephone line interface/isolation
2. Interface to power supply circuit
3. Controller for SSRs, DC moters
■ Applications
DIP 4pin
High Collector-emitter Voltage
Photocoupler
1. 4pin DIP package
2. Double transfer mold package (Ideal for Flow Solder-
ing)
3. High collector-emitter voltage (VCEO : 350V)
4. High isolation voltage between input and output
(Viso(rms) : 5.0 kV)
■ Description
PC851X Series contains an IRED optically coupled
to a phototransistor.
It is packaged in a 4-pin DIP, available in SMT gull-
wing lead-form option.
Input-output isolation voltage(rms) is 5.0kV.
Collector-emitter voltage is 350V.
1
Sheet No.: D2-A03401EN
Date Sep. 30. 2003
© SHARP Corporation
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
PC851X Series


Similar Part No. - PC851X

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC851XNNIP0F SHARP-PC851XNNIP0F Datasheet
578Kb / 17P
PC851XNxiP0F Series Photocoupler
More results

Similar Description - PC851X

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC702V SHARP-PC702V Datasheet
67Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC703V SHARP-PC703V Datasheet
67Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC723V SHARP-PC723V Datasheet
66Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC851 SHARP-PC851 Datasheet
65Kb / 4P
High Collector-emitter Voltage Type Photocoupler
PC723V0YSZX SHARP-PC723V0YSZX Datasheet
65Kb / 5P
High Collector-emitter Voltage Type Photocoupler
logo
Shenzhen Tenand Technol...
LTV-702F TENAND-LTV-702F Datasheet
738Kb / 4P
High Collector-Emitter Voltage Type Photocoupler
LTV-703V TENAND-LTV-703V Datasheet
798Kb / 4P
High Collector-Emitter Voltage Type Photocoupler
logo
Sharp Corporation
PC853XJ0000F SHARP-PC853XJ0000F Datasheet
276Kb / 15P
DIP 4pin Darlington Phototransistor Ouput,High Collector-emitter Voltage Photocoupler
PC702V0YSZX SHARP-PC702V0YSZX Datasheet
69Kb / 5P
High Collector-emitter Voltage Type Photocoupler
PC817XXNSZ1B SHARP-PC817XXNSZ1B Datasheet
1Mb / 14P
DIP 4pin Photocoupler
DATE Jan.15.2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com