Electronic Components Datasheet Search
  English  ▼

X  

DR338-221 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR338-221
Description  SELF-LEADED SMD INDUCTOR DR338 SERIES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR338-221 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR338-221 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
March 1, 2007
DATATRONIC: 28151Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
SELF-LEADED SMD INDUCTOR DR338 SERIES
Features
Low Profile Surface Mount Design
Flat Top for Pick and Place
Inductance Range from 10 µH to 470µH
Operating Temp. -40°C to +85°C
Tinned Leads with Leaded Solder is Available (note 3)
ELECTRICAL SPECIFICATIONS AT 25ºC
PART No.
INDUCTANCE (
µH)
±20% @10kHz, 0.1V
DCR
(
Ω) Max.
RATED CURRENT
(A) Nominal
ETop @100kHz
(V-
µSec) Max.
DR338-100
10
0.03
3.6
15
DR338-140
14
0.04
3.2
18
DR338-180
18
0.05
2.8
20
DR338-200
20
0.06
2.6
22
DR338-250
25
0.07
2.4
24
DR338-330
33
0.10
2.0
28
DR338-470
47
0.14
1.7
32
DR338-560
56
0.15
1.65
37
DR338-680
68
0.16
1.6
40
DR338-820
82
0.22
1.3
44
DR338-101
100
0.35
1.2
49
DR338-141
140
0.40
1.0
55
DR338-151
150
0.45
0.9
59
DR338-181
180
0.50
0.9
63
DR338-201
200
0.60
0.8
67
DR338-221
220
0.70
0.8
71
DR338-271
270
0.88
0.65
78
DR338-331
330
1.00
0.65
85
DR338-471
470
1.50
0.53
99
MECHANICAL OUTLINES
NOTES:
1.
All dimensions are shown in millimeters “mm” [inches “in”].
2.
General Tolerance
±0.25mm [0.010 in.], unless otherwise specified.
3.
For non-RoHS parts replace DR prefix with 42- (e.g. DR338 becomes 42-338).
4.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020C.
10.16
[0.400]
2.00
[0.079]
TOP VIEW
12.70
[0.500]
DR338
DATE
PCB SOLDER PAD LAYOUT (REF.)
12.70
[0.500]
5.50 Max.
[0.217 Max.]
SIDE VIEW
14.00
[0.551]
10.16
[0.400]
SCHEMATIC
2
1
BOTTOM VIEW


Similar Part No. - DR338-221

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR338-221 DATATRONICS-DR338-221 Datasheet
112Kb / 1P
SELF-LEADED SMD INDUCTOR
More results

Similar Description - DR338-221

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR338-100 DATATRONICS-DR338-100 Datasheet
112Kb / 1P
SELF-LEADED SMD INDUCTOR
DR339-1-471 DATATRONICS-DR339-1-471 Datasheet
80Kb / 1P
SELF-LEADED SMD INDUCTOR
DR339-2-471 DATATRONICS-DR339-2-471 Datasheet
106Kb / 1P
SELF-LEADED SMD INDUCTOR
DR339-3-471 DATATRONICS-DR339-3-471 Datasheet
98Kb / 1P
SELF-LEADED SMD INDUCTOR
DR339-4-471 DATATRONICS-DR339-4-471 Datasheet
76Kb / 1P
SELF-LEADED SMD INDUCTOR
DR341-260 DATATRONICS-DR341-260 Datasheet
146Kb / 1P
SELF-LEADED SMD INDUCTOR
DR342-170 DATATRONICS-DR342-170 Datasheet
147Kb / 1P
SELF-LEADED SMD INDUCTOR
DR343-180 DATATRONICS-DR343-180 Datasheet
148Kb / 1P
SELF-LEADED SMD INDUCTOR
DR344-170 DATATRONICS-DR344-170 Datasheet
156Kb / 1P
SELF-LEADED SMD INDUCTOR
DR345-090 DATATRONICS-DR345-090 Datasheet
113Kb / 1P
SELF-LEADED SMD INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com