Electronic Components Datasheet Search
  English  ▼

X  

MMST3906 Datasheet(PDF) 2 Page - Rohm

Part # MMST3906
Description  PNP General Purpose Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MMST3906 Datasheet(HTML) 2 Page - Rohm

  MMST3906 Datasheet HTML 1Page - Rohm MMST3906 Datasheet HTML 2Page - Rohm MMST3906 Datasheet HTML 3Page - Rohm MMST3906 Datasheet HTML 4Page - Rohm MMST3906 Datasheet HTML 5Page - Rohm MMST3906 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UMT3906/SST3906/MMST3906
Transistors
Rev.B
2/4
Electrical characteristics curves
0
8
6
4
2
10
20
0
10
IB=0
µA
5
10
15
20
25
30
35
40
45
50
Ta=25
°C
VCE-COLLECTOR-EMITTER VOLTAGE (
V)
Fig.1 Grounded emitter output
characteristics
0.1
1.0
10
100
0.2
0.3
0.1
0
IC EMITTER COLLECTOR CURRENT (
mA)
Fig.2 Collector-emitter saturation
voltage vs. collector current
IC / IB=10
Ta=25
°C
0.1
10
1.0
100
1000
100
10
500
5
IC-COLLECTOR CURRENT (
mA)
Fig.3 DC current gain vs.collector current (
Ι )
Ta=25
°C
VCE=5V
1V
3V
0.1
10
1.0
100
1000
100
10
500
5
IC-COLLECTOR CURRENT (
mA)
Fig.4 DC current gain vs. collector current (
ΙΙ )
VCE=5V
Ta=125
°C
Ta=25
°C
Ta=
−55°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com