Electronic Components Datasheet Search
  English  ▼

X  

GL41A Datasheet(PDF) 1 Page - General Semiconductor

Part # GL41A
Description  SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

GL41A Datasheet(HTML) 1 Page - General Semiconductor

  GL41A Datasheet HTML 1Page - General Semiconductor GL41A Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BYM10-50 THRU BYM10-1000
GL41A THRU GL41Y
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
Reverse Voltage - 50 to 1600 Volts
Forward Current - 1.0 Ampere
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
♦ Capable of meeting environmental standards of
MIL-S-19500
♦ For surface mount applications
♦ High temperature metallurgically bonded construction
♦ Glass passivated cavity-free junction
♦ High temperature soldering guaranteed:
450°C/5 seconds at terminals. Complete device
submersible temperature of 265°C for 10 seconds
in solder bath
MECHANICAL DATA
Case: JEDEC DO-213AB molded plastic over glass body
Terminals: Plated terminals, solderable per MIL-STD-750,
Method 2026
Polarity: Two bands indicate cathode-end -1st band
denotes device type and 2nd band denotes repetitive peak
reverse voltage rating
Mounting Position: Any
Weight: 0.0046 ounce, 0.116 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
BYM10
BYM10
SYMBOLS
-50
-100
-200
-400
-600
-800
-1000
UNITS
Standard recovery device: 1st band is white
GL41A
GL41B GL41D GL41G GL41J
GL41K
GL41M GL41T
GL41Y
Polarity color bands (2nd Band)
Gray
Red
Orange Yellow Green
Blue
Violet
White Brown
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
1300 1600
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
910
1120
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
1300 1600
Volts
Maximum average forward rectified current
(SEE FIG. 1)
I(AV)
1.0
Amp
Peak forward surge current
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
IFSM
30.0
Amps
Maximum instantaneous forward voltage at 1.0A
VF
1.1
1.2
Volts
Maximum DC reverse current
TA=25°C
10.0
at rated DC blocking voltage
TA=125°C
IR
50.0
µA
Maximum full load reverse current
full cycle average at TA=75°C
IR(AV)
30.0
µA
Typical junction capacitance (NOTE 1)
CJ
8.0
pF
Typical thermal resistance (NOTE 2)
R
ΘJA
75.0
(NOTE 3)
R
ΘJT
30.0
°C/W
Operating junction and storage temperature range TJ, TSTG
-65 to +175
°C
NOTES:
(1) Measured at 1.0 MHZ and applied reverse voltage of 4.0 VDC
(2) Thermal resistance from junction to ambient, 0.24 x 0.24” (6.0 x 6.0mm) copper pads to each terminal
(3) Thermal resistance from junction to terminal, 0.24 x 0.24” (6.0 x 6.0mm) copper pads to each terminal
SOLDERABLE ENDS
1st BAND
0.022 (0.56)
0.018 (0.46)
0.205 (5.2)
0.185(4.7)
D1=
0.105
0.095
(2.67)
(2.41)
D2 = D1 + 0
- 0.008 (0.20)
1st band denotes type and positive end (cathode)
D2
DO213AB
Dimensions in inches and (millimeters)
*Glass-plastic encapsulation technique is covered by
Patent No. 3,996,602 and brazed-end cap assembly by Patent No. 3,930,306
2nd band denotes voltage type
2nd BAND


Similar Part No. - GL41A

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
GL41A FCI-GL41A Datasheet
136Kb / 2P
1.0 Amp MEGARECTIFIERS
logo
Galaxy Semi-Conductor H...
GL41A BILIN-GL41A Datasheet
185Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Vishay Siliconix
GL41A VISHAY-GL41A Datasheet
112Kb / 5P
Surface Mount Glass Passivated Junction Rectifier
07-Apr-08
logo
TAITRON Components Inco...
GL41A TAITRON-GL41A Datasheet
245Kb / 6P
1.0A Surface Mount Glass Passivated Rectifier
logo
Vishay Siliconix
GL41A VISHAY-GL41A Datasheet
87Kb / 5P
Surface Mount Glass Passivated Junction Rectifier
15-Mar-11
More results

Similar Description - GL41A

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GF10A ZOWIE-GF10A Datasheet
63Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
GF15A ZOWIE-GF15A Datasheet
61Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
General Semiconductor
GF1A GE-GF1A Datasheet
90Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
GOOD-ARK Electronics
GN1A GOOD-ARK-GN1A Datasheet
199Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
MIC GROUP RECTIFIERS
S1A MIC-S1A Datasheet
61Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
BYM10-100-E3 VISHAY-BYM10-100-E3 Datasheet
101Kb / 5P
Surface Mount Glass Passivated Junction Rectifier
26-Jun-06
logo
GOOD-ARK Electronics
GL1X GOOD-ARK-GL1X_15 Datasheet
191Kb / 3P
Surface Mount Glass Passivated Junction Rectifier
logo
DACO SEMICONDUCTOR CO.,...
S3AB DACO-S3AB Datasheet
521Kb / 2P
SURFACE MOUNT GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
1N6478 VISHAY-1N6478_V01 Datasheet
85Kb / 5P
Surface-Mount Glass Passivated Junction Rectifier
18-May-2021
BYM10-50 VISHAY-BYM10-50_V01 Datasheet
85Kb / 5P
Surface Mount Glass Passivated Junction Rectifier
30-Jan-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com