Electronic Components Datasheet Search
  English  ▼

X  

BYV95B Datasheet(PDF) 1 Page - General Semiconductor

Part # BYV95B
Description  MINIATURE GLASS PASSIVATED FAST SWITCHING RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BYV95B Datasheet(HTML) 1 Page - General Semiconductor

  BYV95B Datasheet HTML 1Page - General Semiconductor BYV95B Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4/98
BYV95 AND BYV96 SERIES
MINIATURE GLASS PASSIVATED FAST SWITCHING RECTIFIER
Reverse Voltage - 200 to 1000 Volts
Forward Current - 1.5 Amperes
FEATURES
♦ High temperature metallurgically bonded
construction
♦ Hermetically sealed package
♦ Glass passivated cavity-free junction
♦ 1.5 Ampere operation
at TA=55°C with no
thermal runaway
♦ Typical IR less than 0.1µA
♦ Capable of meeting environmental standards of
MIL-S-19500
♦ Fast switching for high efficiency
♦ High temperature soldering guaranteed:
350°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: JEDEC DO-204AP solid glass body
Terminals: Solder plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.02 ounce, 0.56 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
BYV95A
BYV95B
BYV95C
BYV96D
BYV96E
UNITS
Maximum recurrent peak reverse voltage
VRRM
200
400
600
800
1000
Volts
Maximum RMS voltage
VRMS
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
200
400
600
800
1000
Volts
Minimum avalanche breakdown voltage at 100
µAV(BR)
300
500
700
900
1100
Volts
Maximum average forward rectified current
0.375” (9.5mm) lead length at TA=55°C
I(AV)
1.5
Amps
Peak forward surge current, 10ms single half sine-
wave superimposed on rated load at TJ=165°C
IFSM
35.0
Amps
Maximum instantaneous forward
voltage at 1.5A
TJ =25°C
1.6
TJ=165°C
VF
1.35
Volts
Maximum full load reverse current,
full cycle average, 0.375”, (9.5mm)
TJ=25°C
IR(AV)
1.0
µA
lead length at
TJ=165°C
150.0
Maximum DC reverse current
at rated DC blocking voltage
IR
2.0
µA
Maximum reverse recovery time (NOTE 1)trr
250
300
ns
Typical junction capacitance (NOTE 2)CJ
10.0
pF
Typical thermal resistance
(NOTE 3)R
ΘJA
55.0
°C/W
Operating junction temperature range
TJ
-65 to +175
°C
Storage temperature range
TSTG
-65 to +200
°C
NOTES: (1) Measured with IF=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
0.034 (0.86)
0.028 (0.71)
DIA.
0.150 (3.8)
0.100 (2.5)
DIA.
1.0 (25.4)
MIN.
0.240 (6.1)
MAX.
1.0 (25.4)
MIN.
DO-204AP
Dimensions in inches and (millimeters)
*Brazed-lead assembly is covered by Patent No. 3,930,306


Similar Part No. - BYV95B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BYV95B PHILIPS-BYV95B Datasheet
54Kb / 8P
Fast soft-recovery controlled avalanche rectifiers
1996 Jun 07
logo
EIC discrete Semiconduc...
BYV95B EIC-BYV95B Datasheet
19Kb / 2P
AVALANCHE FAST RECOVERY RECTIFIER DIODES
logo
Galaxy Semi-Conductor H...
BYV95B BILIN-BYV95B Datasheet
66Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SynSemi, Inc.
BYV95B SYNSEMI-BYV95B Datasheet
33Kb / 2P
AVALANCHE FAST RECOVERY RECTIFIER DIODES
logo
Gulf Semiconductor
BYV95B GULFSEMI-BYV95B Datasheet
72Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE: 400V CURRENT: 1.5A
More results

Similar Description - BYV95B

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BYW32 GE-BYW32 Datasheet
52Kb / 2P
MINIATURE GLASS PASSIVATED FAST SWITCHING RECTIFIER
RG1A GE-RG1A Datasheet
52Kb / 2P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
RG4A GE-RG4A Datasheet
52Kb / 2P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
RMPG06A GE-RMPG06A Datasheet
50Kb / 2P
MINIATURE GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
RGPP15 CHENG-YI-RGPP15 Datasheet
97Kb / 2P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
RGPP30 CHENG-YI-RGPP30 Datasheet
118Kb / 2P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
BYX10GP VISHAY-BYX10GP Datasheet
74Kb / 4P
Miniature Glass Passivated Junction Fast Switching Rectifier
12-Dec-13
logo
New Jersey Semi-Conduct...
RG1 NJSEMI-RG1 Datasheet
91Kb / 1P
MINIATURE GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
RG1A NJSEMI-RG1A Datasheet
93Kb / 1P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
RG3A NJSEMI-RG3A Datasheet
92Kb / 1P
GLASS PASSIVATED FAST SWITCHING RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com