Electronic Components Datasheet Search
  English  ▼

X  

TLC541MN Datasheet(PDF) 2 Page - Texas Instruments

Part # TLC541MN
Description  8-BIT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 INPUTS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC541MN Datasheet(HTML) 2 Page - Texas Instruments

  TLC541MN Datasheet HTML 1Page - Texas Instruments TLC541MN Datasheet HTML 2Page - Texas Instruments TLC541MN Datasheet HTML 3Page - Texas Instruments TLC541MN Datasheet HTML 4Page - Texas Instruments TLC541MN Datasheet HTML 5Page - Texas Instruments TLC541MN Datasheet HTML 6Page - Texas Instruments TLC541MN Datasheet HTML 7Page - Texas Instruments TLC541MN Datasheet HTML 8Page - Texas Instruments TLC541MN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TLC540I, TLC541I
8-BIT ANALOG-TO-DIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 INPUTS
SLAS065B – OCTOBER 1983 – REVISED JUNE 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
The converters incorporated in the TLC540 and TLC541 feature differential high-impedance reference inputs
that facilitate ratiometric conversion, scaling, and analog circuitry isolation from logic and supply noises. A
switched-capacitor design allows low-error (
±0.5 LSB) conversion in 9 µs for the TLC540 and 17 µs for the
TLC541 over the full operating temperature range.
The TLC540I and TLC541I are characterized for operation from – 40
°C to 85°C.The TLC541M is characterized
for operation from – 55
°C to 125°C.
functional block diagram
1
2
3
4
5
6
7
8
9
11
12
SYSTEM
CLOCK
CS
I/O
CLOCK
ADDRESS
INPUT
8-Bit
Analog-to-Digital
Converter
(Switched-Capacitors)
8
4
2
4
4
8
REF–
REF+
DATA
OUT
8-to-1 Data
Selector
and Driver
Control Logic
and I/O
Counters
Output
Data
Register
Input
Multiplexer
Self-Test
Reference
Input
Address
Register
Sample
and
Hold
12-Channel
Analog
Multiplexer
Analog
Inputs
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
14
13
16
17
18
15
19
typical equivalent inputs
INPUT CIRCUIT IMPEDANCE DURING SAMPLING MODE
INPUT CIRCUIT IMPEDANCE DURING HOLD MODE
1 k
Ω TYP
Ci = 60 pF TYP
(equivalent input
capacitance)
5 M
Ω TYP
INPUT
A0 – A10
INPUT
A0 – A10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com