Electronic Components Datasheet Search
  English  ▼

X  

BYW76 Datasheet(PDF) 1 Page - General Semiconductor

Part # BYW76
Description  GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BYW76 Datasheet(HTML) 1 Page - General Semiconductor

  BYW76 Datasheet HTML 1Page - General Semiconductor BYW76 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BYW72 THRU BYW76 SERIES
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
Reverse Voltage - 200 to 600 Volts
Forward Current - 3.0 Amperes
FEATURES
♦ High temperature metallurgically bonded
construction
♦ Glass passivated cavity-free junction
♦ Hermetically sealed package
♦ 3.0 ampere operation
at TA=45°C with
no thermal runaway
♦ Typical IR less than 0.1µA
♦ Capable of meeting environmental standards of
MIL-S-19500
♦ High temperature soldering guaranteed:
350°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: Solid glass body
Terminals: Solder plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.04 ounce, 1.1grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
BYW72
BYW73
BYW74
BYW75
BYW76
UNITS
Maximum repetitive peak reverse voltage
VRRM
200
300
400
500
600
Volts
Maximum RMS voltage
VRMS
140
210
280
350
420
Volts
Maximum DC blocking voltage
VDC
200
300
400
500
600
Volts
Maximum average forward rectified current
0.375” (9.5mm) lead length at TA=45°C
I(AV)
3.0
Amps
Peak forward surge current
10ms single half sine-wave superimposed
on rated load at TJ=150°C
IFSM
60.0
Amps
Maximum instantaneous forward voltage at 3.0A
VF
1.1
Volts
Maximum average reverse current at
rated peak reverse voltage at TA=100°C
IR(AV)
50.0
µA
Maximum DC reverse current
at rated DC blocking voltage
IR
5.0
µA
Maximum reverse recovery time (NOTE 1)
trr
200
ns
Typical junction capacitance (NOTE 2)
CJ
40.0
pF
Typical thermal resistance (NOTE 3)
R
ΘJA
22.0
°C/W
Operating junction temperature range
TJ
-65 to +175
°C
Storage temperature range
TSTG
-65 to +300
°C
NOTES:
(1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr = 0.25A
(2) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, with both leads attached to heat sink
4/98
0.250 (6.3)
0.170 (4.3)
0.052 (1.32)
0.048 (1.22)
DIA.
DIA.
1.0 (25.4)
MIN
MAX.
0.300 (7.6)
1.0 (25.4)
MIN
Case Style G3
Dimensions in inches and (millimeters)
*Brazed-lead assembly is covered by Patent No. 3,930,306


Similar Part No. - BYW76

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYW76 VISHAY-BYW76 Datasheet
134Kb / 5P
Fast Avalanche Sinterglass Diode
13-Apr-05
logo
Galaxy Semi-Conductor H...
BYW76 BILIN-BYW76 Datasheet
69Kb / 3P
FAST RECOVERY RECTIFIER
logo
Gulf Semiconductor
BYW76 GULFSEMI-BYW76 Datasheet
94Kb / 2P
SINTERED GLASS JUNCTION FAST AVALANCHE RECTIFIER VOLTAGE竊?00V CURRENT: 3.0A
logo
Vishay Siliconix
BYW76 VISHAY-BYW76 Datasheet
106Kb / 4P
Fast Avalanche Sinterglass Diode
25-Aug-10
logo
Shenzhen Luguang Electr...
BYW76 LUGUANG-BYW76 Datasheet
186Kb / 3P
Fast Recovery Rectifiers
More results

Similar Description - BYW76

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N4942 GE-1N4942 Datasheet
51Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
GI810 GE-GI810 Datasheet
63Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
RGP02-12E GE-RGP02-12E Datasheet
60Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
GOOD-ARK Electronics
1N4942G GOOD-ARK-1N4942G Datasheet
156Kb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
FR601G GOOD-ARK-FR601G Datasheet
195Kb / 3P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
1N4933GP VISHAY-1N4933GP Datasheet
76Kb / 4P
Glass Passivated Junction Fast Switching Rectifier
15-Mar-11
GI810 VISHAY-GI810 Datasheet
75Kb / 4P
Glass Passivated Junction Fast Switching Rectifier
15-Mar-11
RGP20A VISHAY-RGP20A Datasheet
81Kb / 4P
Glass Passivated Junction Fast Switching Rectifier
15-Mar-11
RGP25A VISHAY-RGP25A Datasheet
75Kb / 4P
Glass Passivated Junction Fast Switching Rectifier
15-Mar-11
logo
Shenzhen Taychipst Elec...
PG200R TAYCHIPST-PG200R Datasheet
4Mb / 2P
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com