Electronic Components Datasheet Search
  English  ▼

X  

LP339 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP339
Description  Ultra-Low Power Quad Comparator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP339 Datasheet(HTML) 5 Page - Texas Instruments

  LP339_14 Datasheet HTML 1Page - Texas Instruments LP339_14 Datasheet HTML 2Page - Texas Instruments LP339_14 Datasheet HTML 3Page - Texas Instruments LP339_14 Datasheet HTML 4Page - Texas Instruments LP339_14 Datasheet HTML 5Page - Texas Instruments LP339_14 Datasheet HTML 6Page - Texas Instruments LP339_14 Datasheet HTML 7Page - Texas Instruments LP339_14 Datasheet HTML 8Page - Texas Instruments LP339_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Application Hints
All pins of any unused comparators should be tied to the
negative supply.
The bias network of the LP339 establishes a drain current
which is independent of the magnitude of the power supply
voltage over the range of from 2 V
DC to 30 VDC.
It is usually unnecessary to use a bypass capacitor across
the power supply line.
The differential input voltage may be larger than V+ without
damaging the device. Protection should be provided to pre-
vent the input voltages from going negative more than −0.3
V
DC (at 25˚C). An input clamp diode can be used as shown
in the application section.
The output section of the LP339 has two distinct modes of
operation-a Darlington mode and a grounded emitter mode.
This unique drive circuit permits the LP339 to sink 30 mA at
V
O=2 VDC (Darlington mode) and 700 µA at VO=0.4 VDC
(grounded emitter mode).
Figure 1 is a simplified schematic
diagram of the LP339 output section.
Notice that the output section is configured in a Darlington
connection (ignoring Q3). Therefore, if the output voltage is
held high enough (V
O≥1VDC), Q1 is not saturated and the
output current is limited only by the product of the betas of
Q1, Q2 and I1 (and the 60
Ω R
SAT of Q2). The LP339 is thus
capable of driving LED’s, relays, etc. in this mode while
maintaining an ultra-low power supply current of typically
60 µA.
If transistor Q3 were omitted, and the output voltage allowed
to drop below about 0.8 V
DC, transistor Q1 would saturate
and the output current would drop to zero. The circuit would,
therefore, be unable to “pull” low current loads down to
ground (or the negative supply, if used). Transistor Q3 has
been included to bypass transistor Q1 under these condi-
tions and apply the current I1 directly to the base of Q2. The
output sink current is now approximately I1 times the beta of
Q2 (700 µA at V
O=0.4 VDC). The output of the LP339 exhib-
its a bi-modal characteristic with a smooth transition be-
tween modes. (See Output Sink Current graphs in Typical
Performance Characteristics section.)
It is also important to note that in both cases the output is an
uncommitted collector. Therefore, many collectors can be
tied together to provide an output OR’ing function. An output
pull-up resistor can be connected to any available power
supply voltage within the permitted power supply voltage
range and there is no restriction on this voltage due to the
magnitude of the voltage which is applied to the V+ terminal
of the LP339 package.
DS005226-11
FIGURE 1.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com