Electronic Components Datasheet Search
  English  ▼

X  

RV0003F Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RV0003F
Description  RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RV0003F Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RV0003F Datasheet HTML 1Page - Solid States Devices, Inc RV0003F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
SGB ___
UF
___
└
Screening 7/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
└
Recovery Time
UF = Ultra Fast
│
│
│
│
│
│
│
└
Voltage/Family
10 = 1000V
15 = 1500V
20 = 2000V
25 = 2500V
30 = 3000V
35 = 3500 V
SGB10UF
and
SGB35UF
60 mA
1000 ─ 3500 VOLTS
60 nsec
HIGH VOLTAGE
RECTIFIER
FEATURES:
•
Ultra Fast Recovery: 60nsec Maximum
•
PIV to 3500 Volts
•
Hermetically Sealed
•
Void-Free Construction
•
Metallurgically Bonded
•
175°C Maximum Operating Temperature
•
Micro Miniature Package
•
TX, TXV, and Space Level Screening
Available7/
ELECTRICAL CHARACTERISTICS
Part
Number
Peak
Inverse
Voltage
Average
Rectifier
Current
Maximum
Reverse
Current
Maximu
m
Forward
Voltage
Maximum
Surge
Current
(1 Cycle)
Maximum
Reverse
Recovery
Time
Maximum
Junction
Capacitance
Typical
Thermal
Impedance
Symbol
PIV
I0
IR @ PIV
VF 2/
IFSM
tRR 5/
CJ
θJL
Units
Volts
mA
μA
Volts
Amps
nsec
pF
°C/W
Conditions
25°C
100°C
25°C
100°C
25°C
25°C
25°C
VR = 100V
fT = 1MHZ
L = 1/4"
SGB10UF
1000
60
45
0.1
10
9.5
5
60
1.0
185
SGB15UF
1500
60
45
0.1
10
9.5
5
60
1.0
185
SGB20UF
2000
60
45
0.1
10
9.5
5
60
1.0
185
SGB25UF
2500
60
45
0.1
10
9.5
5
60
1.0
185
SGB30UF
3000
60
45
0.1
10
9.5
5
60
1.0
185
SGB35UF
3500
60
45
0.1
10
9.5
5
60
1.0
185
NOTES:
1. Operating and testing over 10,000 V/inch may require encapsulation or immersion in suitable dielectric
material.
2. IF = I0; Maximum forward voltage measured with instantaneous forward pulse of 300msec minimum.
3. Maximum lead temperature for soldering is 250oC, 3/8" from case for 5 sec maximum.
4. Operating and Storage temperature: -65 to +175oC.
5. Reverse Recovery Test Conditions: IF = 50mA, IR = 100mA, IRR = 25mA, TA = 25oC.
6. Consult manufacturing for operating curves.
7. Screening based on MIL-PRF-19500. Screening flows available on request.
Axial
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RV0003F
DOC


Similar Part No. - RV0003F

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RV0003F SSDI-RV0003F_15 Datasheet
165Kb / 2P
HIGH VOLTAGE RECTIFIER
More results

Similar Description - RV0003F

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB16-04LHP SANYO-SB16-04LHP Datasheet
49Kb / 3P
Rectifier
logo
Solid States Devices, I...
RC0056E SSDI-RC0056E Datasheet
166Kb / 2P
RECTIFIER
RC0058D SSDI-RC0058D Datasheet
72Kb / 2P
RECTIFIER
RC0110B SSDI-RC0110B Datasheet
215Kb / 2P
Rectifier
RH0008C SSDI-RH0008C Datasheet
218Kb / 2P
Rectifier
RH0015 SSDI-RH0015 Datasheet
41Kb / 2P
RECTIFIER
RH0065 SSDI-RH0065 Datasheet
171Kb / 2P
RECTIFIER
RH0073 SSDI-RH0073 Datasheet
321Kb / 2P
RECTIFIER
RH0095 SSDI-RH0095 Datasheet
283Kb / 2P
RECTIFIER
RH0099F SSDI-RH0099F Datasheet
214Kb / 2P
RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com