Electronic Components Datasheet Search
  English  ▼

X  

RV0033C Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # RV0033C
Description  RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RV0033C Datasheet(HTML) 1 Page - Solid States Devices, Inc

  RV0033C Datasheet HTML 1Page - Solid States Devices, Inc RV0033C Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information
1/
SAM 50
FA
_ _ __
⏐
⏐
⏐
⏐
⏐
⏐
⏐
⏐
⏐
⏐
⏐
⏐
L Screening2/
= None
TX = TX Level
TXV = TXV Level
S = S Level
⏐
⏐
⏐
⏐
⏐
⏐
L Package
___ = Axial
SMS = Surface Mount Square Tab
⏐
⏐
⏐
L Recovery Time
F = Fast Recovery
L Voltage
50 = 5000
SAM50FA
0.5 Amp
5000 VOLTS
150 nsec
HIGH VOLTAGE
RECTIFIER
FEATURES:
•
Ultra Fast and Fast Recovery: 150 nsec
Maximum
•
Hermetically Sealed Surface Mount Package
•
Void Free Construction
•
Metallurgically Bonded
•
175°C Maximum Operating Temperature
•
TX, TXV, and Space Level Screening Available
2/
Maximum Ratings
Symbol
Value
Units
Peak Inverse Voltage
PIV
5000
Volts
Average Rectified Forward Current
25ºC
100ºC
Io
500
300
mA
Maximum Reverse Current
25ºC
100ºC
IR
3.0
15
μA
Maximum Forward Voltage
@ IF = 500 mA
VF
13
Volts
Maximum Surge Current 1 Cycle
IFSM
25
Amps
Maximum Reverse Recovery Time
trr
150
nsec
Maximum Junction Capacitance
(fT = 1MHz @ 100 Volts)
CJ
10
pf
Typical Thermal Impedance (L=3/8”)
RθJL/ RθJE
18
°C/W
1/ For Ordering Information, Price, and Availability – Contact Factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Operating and testing over 10,000 V/inch may require encapsulation or
immersion in a suitable dielectric material.
4/ Max. forward voltage measured with instantaneous forward pulse of
300µsec minimum.
5/ Max. lead/end tab temp. for soldering is 250°C, 3/8”from the case for 5 sec
maximum.
6/ Operating and storage temperature: -65°C to +175°C.
7/ Reverse Recovery Test Conditions: IF=.5A, IR=1mA, IRR=.25A, TA=25°C.
Axial Leaded
SMS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RV0033C
DOC


Similar Part No. - RV0033C

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
RV0033C SSDI-RV0033C_15 Datasheet
79Kb / 2P
HIGH VOLTAGE RECTIFIER
More results

Similar Description - RV0033C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB16-04LHP SANYO-SB16-04LHP Datasheet
49Kb / 3P
Rectifier
logo
Solid States Devices, I...
RC0056E SSDI-RC0056E Datasheet
166Kb / 2P
RECTIFIER
RC0058D SSDI-RC0058D Datasheet
72Kb / 2P
RECTIFIER
RC0110B SSDI-RC0110B Datasheet
215Kb / 2P
Rectifier
RH0008C SSDI-RH0008C Datasheet
218Kb / 2P
Rectifier
RH0015 SSDI-RH0015 Datasheet
41Kb / 2P
RECTIFIER
RH0065 SSDI-RH0065 Datasheet
171Kb / 2P
RECTIFIER
RH0073 SSDI-RH0073 Datasheet
321Kb / 2P
RECTIFIER
RH0095 SSDI-RH0095 Datasheet
283Kb / 2P
RECTIFIER
RH0099F SSDI-RH0099F Datasheet
214Kb / 2P
RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com