Electronic Components Datasheet Search
  English  ▼

X  

SH0011D Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SH0011D
Description  SUPER SCHOTTKY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0011D Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SH0011D Datasheet HTML 1Page - Solid States Devices, Inc SH0011D Datasheet HTML 2Page - Solid States Devices, Inc SH0011D Datasheet HTML 3Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0011D
DOC
Solid State Devices, Inc.
14701 Firestone Blvd. * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information
1/
SED45 __ 25 __
L
L
L
Screening
2/
___
= None
TX = TX Level
TXV = TXV Level
S = S Level
Voltage
25 = 25 volts
35 = 35 volts
Configuration
HB = without lead
HE = with lead
SED45HB25, SED45HE25
SED45HB35, and SED45HE35
45 AMP
SUPER SCHOTTKY RECTIFIER
25 - 35 VOLTS
FEATURES:
Optimized for 2.1V and 3.3V output power supplies. The
SUPER SCHOTTKY series has been designed to provide
ultra low forward voltage drops at low operating
temperatures of 75°C.
Low VF, typically 380mV at 75°C
Low reverse leakage
Surface mountable
Guard ring for overvoltage protection and ruggedness
100
oC operating temperature
Hermetic package
TX, TXV, and Space Level Screening Available
2/
Typical applications include parallel switching power
supplies, converters, battery protection circuits, and
redundant power subsystems.
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage
and DC Blocking Voltage
SED45__25
SED45__35
VRRM
VRWM
VR
25
35
Volts
Average Rectified Forward Current
(Resistive load, 60 Hz, sine wave, TJ= 75
oC)
IO
45
Amps
Peak Surge Current
(8.3 ms pulse, half sine wave superimposed on IO, allow junction to
reach equilibrium between pulses, TJ = 25
oC)
IFSM
350
Amps
Operating and Storage Temperature
TOP & Tstg
-55 to +175
oC
Maximum Thermal Resistance
Junction to Case
RJC
1.25
oC/W
Notes:
1/ For ordering information, price, operating curves, and availability – contact
factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
SEDPACK 1
HB Series
HE Series


Similar Part No. - SH0011D

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SH0011D SSDI-SH0011D_15 Datasheet
68Kb / 3P
SUPER SCHOTTKY RECTIFIER
More results

Similar Description - SH0011D

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SH0011D SSDI-SH0011D_15 Datasheet
68Kb / 3P
SUPER SCHOTTKY RECTIFIER
logo
Jinan Jingheng (Group) ...
SR340SL JINANJINGHENG-SR340SL Datasheet
62Kb / 3P
SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
SR10100SLCT JINANJINGHENG-SR10100SLCT Datasheet
115Kb / 4P
SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
SR20100SLCT JINANJINGHENG-SR20100SLCT Datasheet
105Kb / 4P
SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
logo
Jinan Jing Heng Electro...
SP5U60SL JINGHENG-SP5U60SL Datasheet
611Kb / 3P
SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
SP10U60SL JINGHENG-SP10U60SL Datasheet
623Kb / 3P
SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
SP15U45SL JINGHENG-SP15U45SL Datasheet
616Kb / 3P
SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
SP30U100L JINGHENG-SP30U100L Datasheet
619Kb / 3P
SUPER LOW VF SCHOTTKY BARRIER RECTIFIER
logo
FutureWafer Tech Co.,Lt...
SBR20L100DPC FUTUREWAFER-SBR20L100DPC Datasheet
1Mb / 7P
Super Barrier Schottky Rectifier
SBR8L100HT FUTUREWAFER-SBR8L100HT Datasheet
1Mb / 9P
Super Barrier Rectifier Schottky Diode
05-DEC-2021 V 2.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com