Electronic Components Datasheet Search
  English  ▼

X  

SH0019C Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SH0019C
Description  SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0019C Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SH0019C Datasheet HTML 1Page - Solid States Devices, Inc SH0019C Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0019C
DOC
ELECTRICAL CHARACTERISTICS
Symbol
Maximum
Unit
Instantaneous Forward Voltage Drop
(TA = 25
oC, 300
μsec Pulse)
IF =50 ADC
IF =75 ADC
VF1
VF2
0.52
0.60
VDC
Instantaneous Forward Voltage Drop
(IF =50 ADC, TA = +125
oC, 300
μsec Pulse)
VF3
0.45
VDC
Reverse Leakage Current
(Rated VR, 300 μsec pulse minimum)
TA = 25
oC
TA = 125
oC
IR1
IR2
2
450
mA
Junction Capacitance
(VR = 5 VDC, TA = 25
oC, f = 1 MHz)
CJ
4600
pF
Solid State Devices, Inc.
14701 Firestone Blvd. * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SED75KB30
SED75KE30
CASE OUTLINE: SED75KB30
.315±.010
.315
±.010
.110
MAX
.275±.005
SQ.
CASE OUTLINE: SED75KE30



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com