Electronic Components Datasheet Search
  English  ▼

X  

SH0020 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SH0020
Description  SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0020 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SH0020 Datasheet HTML 1Page - Solid States Devices, Inc SH0020 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
Designer's Data Sheet
SOLID STATE DEVICES, INC.
14005 Stage Road * Santa Fe Springs, Ca 90670
Phone: (562) 404-4474 * Fax: (562) 404-1773
FEATURES:
15 AMP
40 VOLTS
SCHOTTKY
RECTIFIER
SEDPACK 1 WITH LEADS
SSR1640A
Maximum Ratings
40
o
C
-55 TO +175
TJ(PK)
300
Amps
15
Amps
Io
IFSM(surge)
Volts
SYMBOL
UNITS
VALUE
VRM(rep)
VR
R2JC
3.0
Peak Repetitive Reverse and DC Blocking Voltage
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on Io, allow
junction to reach equilibrium between pulses, TC = 55oC)
Operating Junction Temperature
Maximum Thermal Resistance
Junction to Case
Half Wave Rectified Forward Current
Averaged over Full Cycle
(Resistive Load, 60Hz, Sine Wave, TC= 25 oC
o
C/W
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0020A
• Extremely Low Forward Voltage Drop
450mV max at 5 Amps
• PIV of 40 Volts
• High Reliability Construction
• Hermetically Sealed
• Surge Capability of 300 Amps
•TJ and Tstg 175oC
• TX, TXV and Space Level Screening Available
Volts
28
Vr
RMS Reverse Voltage


Similar Part No. - SH0020

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SH0020 SSDI-SH0020_15 Datasheet
51Kb / 2P
SCHOTTKY RECTIFIER
More results

Similar Description - SH0020

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com