Electronic Components Datasheet Search
  English  ▼

X  

SH0024B Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SH0024B
Description  SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0024B Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SH0024B Datasheet HTML 1Page - Solid States Devices, Inc SH0024B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd. * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information
1/
SED20 __ 100 __
⏐
⏐
⏐
⏐
L Screening
2/
= None
TX = TX Level
TXV = TXV Level
S = S Level
L Configuration
HB = without lead
HE = with lead
SED20HB100
SED20HE100
20 AMP
100 VOLTS
SCHOTTKY RECTIFIER
FEATURES:
• Low Reverse Leakage
• Low Forward Voltage Drop
• Hermetically Sealed Power Surface
Mount Package
• Guard Ring for Overvoltage Protection
• Eutectic Die Attach
• 175oC Operating Temperature
• TX, TXV, and Space Level Screening
Available
2/
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage
and DC Blocking Voltage
VRRM
VRWM
VR
100
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA = 100
oC)
IO
20
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, Superimposed on IO, Allow Junction
to Reach Equilibrium between Pulses, TA = 25
oC)
IFSM
175
Amps
Operating and Storage Temperature
TOP & Tstg
-55 to +175
oC
Maximum Thermal Resistance
Junction to Case
RθJC
1.25
oC/W
Notes:
1/ For Ordering Information, Price, Operating Curves, and Availability – Contact
Factory.
2/ Screening to MIL-PRF-19500.
SEDPACK 1
HB Series
HE Series
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0024B
DOC


Similar Part No. - SH0024B

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SH0024B SSDI-SH0024B_15 Datasheet
105Kb / 2P
SCHOTTKY RECTIFIER
More results

Similar Description - SH0024B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com