Electronic Components Datasheet Search
  English  ▼

X  

BZX84 Datasheet(PDF) 2 Page - General Semiconductor

Part # BZX84
Description  Zener Diodes
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

BZX84 Datasheet(HTML) 2 Page - General Semiconductor

  BZX84 Datasheet HTML 1Page - General Semiconductor BZX84 Datasheet HTML 2Page - General Semiconductor BZX84 Datasheet HTML 3Page - General Semiconductor BZX84 Datasheet HTML 4Page - General Semiconductor BZX84 Datasheet HTML 5Page - General Semiconductor BZX84 Datasheet HTML 6Page - General Semiconductor BZX84 Datasheet HTML 7Page - General Semiconductor BZX84 Datasheet HTML 8Page - General Semiconductor BZX84 Datasheet HTML 9Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Electrical Characteristics (TA = 25°C unless otherwise noted) Maximum VF = 0.9V at IF = 10mA
Dynamic
Temp. Coeffi-
Dynamic
Test
Reverse Leakage
Type
Resistance
cient of Zener
Test
Resistance
Current
Current
y = C for 5%
Marking
at IZT1
Voltage at IZT1
Current
at IZT2
at
y = B for 2%
Code
rzj
(Ω)
α
VZ (10
–4/°C)
IZT1 (mA)
rzj
(Ω)
IZT2 (mA)
IR (
µA)
VR (V)
BZX84-y2V4
Z11
70 (
≤100)
–9.0 … –4.0
5
275
1.0
50
1.0
BZX84-y2V7
Z12
75 (
≤100)
–9.0 … –4.0
5
300 (
≤600)
1.0
20
1.0
BZX84-y3
Z13
80 (
≤95)
–9.0 … –3.0
5
325 (
≤600)
1.0
10
1.0
BZX84-y3V3
Z14
85 (
≤95)
–8.0 … –3.0
5
350 (
≤600)
1.0
5.0
1.0
BZX84-y3V6
Z15
85 (
≤90)
–8.0 … –3.0
5
375 (
≤600)
1.0
5.0
1.0
BZX84-y3V9
Z16
85 (
≤90)
–7.0 … –3.0
5
400 (
≤600)
1.0
3.0
1.0
BZX84-y4V3
Z17
80 (
≤90)
–6.0 … –1.0
5
410 (
≤600)
1.0
3.0
1.0
BZX84-y4V7
Z1
50 (
≤80)
–5.0 … +2.0
5
425 (
≤500)
1.0
3.0
2.0
BZX84-y5V1
Z2
40 (
≤60)
–3.0. … +4.0
5
400 (
≤480)
1.0
2.0
2.0
BZX84-y5V6
Z3
15 (
≤40)
–2.0 … +6.0
5
80 (
≤400)
1.0
1.0
2.0
BZX84-y6V2
Z4
6.0 (
≤10)
–1.0 … +7.0
5
40 (
≤150)
1.0
3.0
4.0
BZX84-y6V8
Z5
6.0 (
≤15)
+2.0 … +7.0
5
30 (
≤80)
1.0
2.0
4.0
BZX84-y7V5
Z6
6.0 (
≤15)
+3.0 … +7.0
5
30 (
≤80)
1.0
1.0
5.0
BZX84-y8V2
Z7
6.0 (
≤15)
+4.0 … +7.0
5
40 (
≤80)
1.0
0.7
5.0
BZX84-y9V1
Z8
6.0 (
≤15)
+5.0 … +8.0
5
40 (
≤100)
1.0
0.5
6.0
BZX84-y10
Z9
8.0 (
≤20)
+5.0 … +8.0
5
50 (
≤150)
1.0
0.2
7.0
BZX84-y11
Y1
10 (
≤20)
+5.0 … +9.0
5
50 (
≤150)
1.0
0.1
8.0
BZX84-y12
Y2
10 (
≤25)
+6.0 … +9.0
5
50 (
≤150)
1.0
0.1
8.0
BZX84-y13
Y3
10 (
≤30)
+7.0 … +9.0
5
50 (
≤170)
1.0
0.1
8.0
BZX84-y15
Y4
10 (
≤30)
+7.0 … +9.0
5
50 (
≤200)
1.0
0.05
0.7 VZnom.
BZX84-y16
Y5
10 (
≤40)
+8.0 … +9.5
5
50 (
≤200)
1.0
0.05
0.7 VZnom.
BZX84-y18
Y6
10 (
≤45)
+8.0 … +9.5
5
50 (
≤225)
1.0
0.05
0.7 VZnom.
BZX84-y20
Y7
15 (
≤55)
+8.0 … +10
5
60 (
≤225)
1.0
0.05
0.7 VZnom.
BZX84-y22
Y8
20 (
≤55)
+8.0 … +10
5
60 (
≤250)
1.0
0.05
0.7 VZnom.
BZX84-y24
Y9
25 (
≤70)
+8.0 … +10
5
60 (
≤250)
1.0
0.05
0.7 VZnom.
BZX84-y27
Y10
25 (
≤80)
+8.0 … +10
2
65 (
≤300)
0.5
0.05
0.7 VZnom.
BZX84-y30
Y11
30 (
≤80)
+8.0 … +10
2
70 (
≤300)
0.5
0.05
0.7 VZnom.
BZX84-y33
Y12
35 (
≤80)
+8.0 … +10
2
75 (
≤325)
0.5
0.05
0.7 VZnom.
BZX84-y36
Y13
35 (
≤90)
+8.0 … +10
2
80 (
≤350)
0.5
0.05
0.7 VZnom.
BZX84-y39
Y14
40 (
≤130)
+10 … +12
2
80 (
≤350)
0.5
0.05
0.7 VZnom.
BZX84-y43
Y15
45 (
≤150)
+10 … +12
2
85 (
≤375)
0.5
0.05
0.7 VZnom.
BZX84-y47
Y16
50 (
≤170)
+10 … +12
2
85 (
≤375)
0.5
0.05
0.7 VZnom.
BZX84-y51
Y17
60 (
≤180)
+10 … +12
2
85 (
≤400)
0.5
0.05
0.7 VZnom.
BZX84-y56
Y18
70 (
≤200)
+9.0 … +11
2
100 (
≤425)
0.5
0.05
0.7 VZnom.
BZX84-y62
Y19
80 (
≤215)
+9.0 … +12
2
100 (
≤450)
0.5
0.05
0.7 VZnom.
BZX84-y68
Y20
90 (
≤240)
+10 … +12
2
150 (
≤475)
0.5
0.05
0.7 VZnom.
BZX84-y75
Y21
95 (
≤255)
+10 … +12
2
170 (
≤500)
0.5
0.05
0.7 VZnom.
BZX84 Series
Zener Diodes



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com