Electronic Components Datasheet Search
  English  ▼

X  

SH0032B Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SH0032B
Description  POWER SCHOTTKY DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0032B Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SH0032B Datasheet HTML 1Page - Solid States Devices, Inc SH0032B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0032B
DOC
ELECTRICAL CHARACTERISTICS
Symbol
-55
25
100
125
150
Unit
Instantaneous Forward Voltage Drop
typical
(IF =5 Amps, 300 μsec Pulse)
maximum
VF
455
520
350
400
250
-
210
275
180
-
mVolts
Instantaneous Forward Voltage Drop
typical
(IF =15 Amps, 300 μsec Pulse)
maximum
VF
490
580
400
475
320
-
290
375
265
-
mVolts
Instantaneous Forward Voltage Drop
typical
(IF =30 Amps, 300 μsec Pulse)
maximum
VF
525
620
455
530
395
-
370
450
355
-
mVolts
Reverse Leakage Current
typical
(Rated VR, 300 μsec pulse minimum)
maximum
IR
0.015
-
0.31
5
50
-
175
300
485
-
mA
Junction Capacitance
typical
(VR =10 VDC, TA = 25
oC, f = 1 MHz)
maximum
CJ
-
2200
2600
-
-
-
pF
CASE OUTLINE: SED30KB45
CASE OUTLINE: SED30KE45
Typical Forward Voltage Curves
0
10
20
30
40
50
60
70
80
90
100
100
200
300
400
500
600
700
Forward Voltage, mV
-55
25
100
125
150
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SED30KB45
SED30KE45



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com