Electronic Components Datasheet Search
  English  ▼

X  

SH0034 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SH0034
Description  SCHOTTKY POWER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0034 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SH0034 Datasheet HTML 1Page - Solid States Devices, Inc SH0034 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
SMD.5
SSR1510
__ __
│
│
│
│
│
└ Screening 2/ __ = Commercial
TX = TX Level
TXV = TXV Level
S = S Level
└ Package:
S.5 = SMD.5
SSR1510S.5
15 AMP /100 Volts
LOW VOLTAGE DROP
SCHOTTKY POWER DIODE
Features:
•
Extremely Low Forward Voltage Drop
•
Low reverse leakage
•
Excellent high temperature performance
•
Hermetically Sealed, low thermal resistance
power Package
•
Eutectic die attach and monometallic contacts
for improved reliability
•
Replacement for 15LJQ100 types
•
TX, TXV, S-Level screening available
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
VRRM
VRWM
VR
100
V
Average Rectified Forward Current
IO
15
A
Peak Surge Current
8.3 ms pulse, half sinewave
superimposed on Io; allow
junction to reach equilibrium in
between pulses; Ta= 25ºC
IFSM
250
A
Operating & Storage Temperature
TOP & TSTG
-55 to +150
ºC
Maximum Thermal Resistance
(Junction to Case)
R0JC
2.25
ºC/W
PACKAGE OUTLINE:
SMD.5
PINOUT:
PIN 1: CATHODE
PIN 2: ANODE
PIN 3: ANODE
.135
.115
.304
.288
.408
.392
.304
.288
3x .020
.010
.030 MIN
.128
.112
.233
.217
2x .010
MAX
2x .103
.087
.030 MIN
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0034A
DOC


Similar Part No. - SH0034

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SH0034 SSDI-SH0034_15 Datasheet
153Kb / 2P
LOW VOLTAGE DROP SCHOTTKY POWER DIODE
More results

Similar Description - SH0034

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED30KB45 SSDI-SED30KB45_1 Datasheet
81Kb / 2P
POWER SCHOTTKY DIODE
logo
STMicroelectronics
STPS20200C STMICROELECTRONICS-STPS20200C Datasheet
422Kb / 15P
Power Schottky diode
16-Oct-2013
logo
Solid States Devices, I...
SH0064B SSDI-SH0064B Datasheet
101Kb / 2P
POWER SCHOTTKY DIODE
logo
GeneSiC Semiconductor, ...
1N8024-GA GENESIC-1N8024-GA Datasheet
782Kb / 5P
Power Schottky Diode
1N8026-GA GENESIC-1N8026-GA Datasheet
768Kb / 5P
Power Schottky Diode
1N8028-GA GENESIC-1N8028-GA Datasheet
796Kb / 5P
Power Schottky Diode
1N8031-GA GENESIC-1N8031-GA Datasheet
676Kb / 5P
Power Schottky Diode
1N8034-GA GENESIC-1N8034-GA Datasheet
801Kb / 5P
Power Schottky Diode
GB02SHT03-46 GENESIC-GB02SHT03-46 Datasheet
557Kb / 4P
Power Schottky Diode
logo
Solid States Devices, I...
SH0064B SSDI-SH0064B_15 Datasheet
101Kb / 2P
POWER SCHOTTKY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com