Electronic Components Datasheet Search
  English  ▼

X  

SH0043D Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SH0043D
Description  Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0043D Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SH0043D Datasheet HTML 1Page - Solid States Devices, Inc SH0043D Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0043D
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SSR40C __
__ __
│
│
│
│
│
│
│
│
└ Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
└ Package
S1 = SMD1
└ Voltage
100 = 1000 V
120 = 1200 V
SSR40C100S1
SSR40C120S1
40 A / 1200 V
Schottky Silicon Carbide
Rectifier
FEATURES:
 1200 Volt Silicon Carbide Schottky Rectifier
 Average Output Current 40 Amps
 No Reverse Recovery
 No Forward Recovery
 No Switching Time Change Over
Temperature
 Small Package Size
 TX, TXV, and Space Level Screening
Available.
2/ Consult Factory.
MAXIMUM RATINGS 3/
Symbol
Value
Units
Peak Repetitive and Peak Reverse Voltage
SSR30C100S1
SSR30C120S1
VRRM
VR
1000
1200
Volts
Average Rectified Forward Current
4/
(Resistive Load, 60 Hz, Sine Wave)
Total
IO
40
Amps
Peak Surge Current
4/
(8.3 ms Pulse, Half Sine Wave, TA = 25
oC)
Total
IFSM
200
Amps
Operating & Storage Temperature
TOP & Tstg
-55 to +250
oC
Junction Temperature
TJ
-55 to +250
oC
Maximum Thermal Resistance
4/
(Junction to Case)
Total
RθJC
0.6
oC/W
NOTES:
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC
4/ Terminal Pads 1 & 3 Must be connected together for testing and at the Board Level.
SMD1


Similar Part No. - SH0043D

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SH0043D SSDI-SH0043D_15 Datasheet
82Kb / 2P
Schottky Silicon Carbide Rectifier
More results

Similar Description - SH0043D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SB16-04LHP SANYO-SB16-04LHP Datasheet
49Kb / 3P
Rectifier
logo
Solid States Devices, I...
RC0056E SSDI-RC0056E Datasheet
166Kb / 2P
RECTIFIER
RC0058D SSDI-RC0058D Datasheet
72Kb / 2P
RECTIFIER
RC0110B SSDI-RC0110B Datasheet
215Kb / 2P
Rectifier
RH0008C SSDI-RH0008C Datasheet
218Kb / 2P
Rectifier
RH0015 SSDI-RH0015 Datasheet
41Kb / 2P
RECTIFIER
RH0065 SSDI-RH0065 Datasheet
171Kb / 2P
RECTIFIER
RH0073 SSDI-RH0073 Datasheet
321Kb / 2P
RECTIFIER
RH0095 SSDI-RH0095 Datasheet
283Kb / 2P
RECTIFIER
RH0099F SSDI-RH0099F Datasheet
214Kb / 2P
RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com