Electronic Components Datasheet Search
  English  ▼

X  

SH0052B Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SH0052B
Description  SCHOTTKY CENTERTAP RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0052B Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SH0052B Datasheet HTML 1Page - Solid States Devices, Inc SH0052B Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0052B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SSR8045 CT S1 TX
│
│
│
│
│
│
│
│
│
│
└ Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S
= S Level
│
│
│
│
│
└ Package: S1 = SMD1
S2 = SMD2
└ Configuration: CT = Common Cathode
SSR8045CTS1
and SSR8045CTS2
Series
80 Amp
SCHOTTKY
CENTERTAP RECTIFIER
45 Volts
Features:
• Low Reverse Leakage
• Low Forward Voltage Drop
• Guard Ring for Overload Protection
• Also available in TO-258 and TO-259
Versions
• 175ºC Operating Temperature
• TX, TXV, and S Level Screening Available
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and DC Blocking Voltage
VRRM
VRSM
VR
45
Volts
Average Rectified Forward Current 3/
(Resistive Load, 60 Hz Sine Wave, TA = 25 °C)
Io
80
Amps
Peak Surge Current 3/
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C)
IFSM
800
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +175
ºC
Maximum Thermal Resistance
Junction to Case
Total
Per Leg
RθJE
0.5
1.0
ºC/W
Notes:
SMD1 (S1)
SMD2 (S2)
1/ For ordering information, price, operating curves, and availability - Contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Maximum electrical rating shown for centertap configurations both legs tied
together.
4/ All electrical characteristics per leg @25ºC, unless otherwise specified.


Similar Part No. - SH0052B

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SH0052B SSDI-SH0052B_15 Datasheet
130Kb / 2P
SCHOTTKY CENTERTAP RECTIFIER
More results

Similar Description - SH0052B

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR1505CTG SSDI-SSR1505CTG Datasheet
93Kb / 2P
CENTERTAP SCHOTTKY RECTIFIER
SSR1505CTM SSDI-SSR1505CTM Datasheet
101Kb / 2P
CENTERTAP SCHOTTKY RECTIFIER
RS0027D SSDI-RS0027D Datasheet
128Kb / 2P
SCHOTTKY CENTERTAP RECTIFIER
RS0029 SSDI-RS0029 Datasheet
179Kb / 2P
CENTERTAP SCHOTTKY RECTIFIER
RS0065 SSDI-RS0065 Datasheet
105Kb / 2P
SCHOTTKY CENTERTAP RECTIFIER
SH0066B SSDI-SH0066B Datasheet
149Kb / 2P
SCHOTTKY CENTERTAP RECTIFIER
SH0072A SSDI-SH0072A Datasheet
107Kb / 2P
CENTERTAP SCHOTTKY RECTIFIER
SH0076A SSDI-SH0076A Datasheet
111Kb / 2P
CENTERTAP SCHOTTKY RECTIFIER
SH0055A SSDI-SH0055A_15 Datasheet
101Kb / 2P
CENTERTAP SCHOTTKY RECTIFIER
SH0066B SSDI-SH0066B_15 Datasheet
149Kb / 2P
SCHOTTKY CENTERTAP RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com