Electronic Components Datasheet Search
  English  ▼

X  

CG2 Datasheet(PDF) 1 Page - General Semiconductor

Part # CG2
Description  MINIATURE CLAMPER / DAMPER GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

CG2 Datasheet(HTML) 1 Page - General Semiconductor

  CG2 Datasheet HTML 1Page - General Semiconductor CG2 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CG2 AND DG2
MINIATURE CLAMPER / DAMPER GLASS PASSIVATED RECTIFIER
Reverse Voltage - 1400 to 1500 Volts
Forward Current - 2.0 Amperes
FEATURES
♦ Specially designed for clamping circuits in horizontal
deflection systems and damper applications
♦ High temperature metallurgically bonded construction
♦ Glass passivated cavity-free junction
♦ 2.0 Ampere operation
at TA=50°C with no thermal runaway
♦ Typical IR less than 0.1µA
♦ Hermetically sealed package
♦ Capable of meeting environmental standards of
MIL-S-19500
♦ High temperature soldering guaranteed:
350°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: JEDEC DO-204AP solid glass body
Terminals: Solder plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.02 ounce, 0.56 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
CG2
DG2
UNITS
Maximum repetitive peak reverse voltage
VRRM
1400
1500
Volts
Maximum RMS voltage
VRMS
980
1050
Volts
Maximum DC blocking voltage
VDC
1400
1500
Volts
Maximum average forward rectified current
0.375” (9.5mm) lead length at TA=50°C
I(AV)
2.0
Amps
Peak forward surge current 8.3ms single half sine
-wave superimposed on rated load (JEDEC Method)
IFSM
40.0
Amps
Maximum instantaneous forward voltage at 2.0A
VF
1.1
Volts
Maximum DC reverse current
TA=25°C
5.0
at rated DC blocking voltage
TA=100°C
IR
100.0
µA
Maximum full load reverse current full cycle
average 0.375” (9.5mm) lead length at TA=100°C
IR(AV)
200.0
µA
Maximum reverse recovery time (NOTE 1)
trr
15.0
20.0
µs
Typical junction capacitance (NOTE 2)
CJ
15.0
pF
Typical thermal resistance (NOTE 3)R
ΘJA
55.0
°C/W
Operating junction and storage temperature range
TJ, TSTG
-65 to +175
°C
NOTES:
(1) Measured with IF=0.5A, IR=50mA
(2) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted
4/98
0.034 (0.86)
0.028 (0.71)
DIA.
0.150 (3.8)
0.100 (2.5)
DIA.
1.0 (25.4)
MIN.
0.240 (6.1)
MAX.
1.0 (25.4)
MIN.
DO-204AP
Dimensions in inches and (millimeters)
*Braised-lead assembly is covered by Patent No. 3,930,306


Similar Part No. - CG2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CG2 VISHAY-CG2 Datasheet
307Kb / 4P
Standard Sinterglass Diode
11-Aug-04
logo
Littelfuse
CG2-350L LITTELFUSE-CG2-350L Datasheet
780Kb / 6P
Gas Discharge Tube (GDT) Products
CG2.230L LITTELFUSE-CG2.230L Datasheet
780Kb / 6P
Gas Discharge Tube (GDT) Products
logo
Schurter Inc.
CG20.6101.151 SCHURTER-CG20.6101.151 Datasheet
563Kb / 5P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
logo
SAB North America
CG200PG SAB-CG200PG Datasheet
171Kb / 1P
Polyamide 6 Cord Grips
More results

Similar Description - CG2

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
CG1 GE-CG1 Datasheet
52Kb / 2P
MINIATURE CLAMPER / DAMPER GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
CGP15 VISHAY-CGP15 Datasheet
33Kb / 2P
Miniature Clamper/Damper Glass Passivated Rectifier
03-Jan-03
logo
Vaishali Semiconductor
CGP20 VAISH-CGP20 Datasheet
33Kb / 2P
Miniature Clamper/Damper Glass Passivated Rectifier
logo
Vishay Siliconix
BY448GP VISHAY-BY448GP Datasheet
80Kb / 4P
Miniature Clamper/Damper Glass Passivated Rectifier
15-Mar-11
CGP15 VISHAY-CGP15_11 Datasheet
75Kb / 4P
Miniature Clamper/Damper Glass Passivated Rectifier
15-Mar-11
CGP20 VISHAY-CGP20 Datasheet
79Kb / 4P
Miniature Clamper/Damper Glass Passivated Rectifier
15-Mar-11
logo
Shenzhen Taychipst Elec...
CGP15 TAYCHIPST-CGP15 Datasheet
1Mb / 2P
Miniature Clamper/Damper Glass Passivated Rectifier
logo
Vishay Siliconix
DGP15-E3 VISHAY-DGP15-E3 Datasheet
73Kb / 5P
Miniature Clamper/Damper Glass Passivated Plastic Rectifier
11-Dec-13
BY448GP VISHAY-BY448GP_V01 Datasheet
79Kb / 5P
Miniature Clamper / Damper Glass Passivated Rectifier
05-Oct-2021
CGP15 VISHAY-CGP15_V01 Datasheet
75Kb / 5P
Miniature Clamper / Damper Glass Passivated Rectifier
05-Oct-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com