Electronic Components Datasheet Search
  English  ▼

X  

CG3 Datasheet(PDF) 1 Page - General Semiconductor

Part # CG3
Description  CLAMPER / DAMPER GLASS PASSIVATED RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

CG3 Datasheet(HTML) 1 Page - General Semiconductor

  CG3 Datasheet HTML 1Page - General Semiconductor CG3 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CG3 AND DG3
CLAMPER / DAMPER GLASS PASSIVATED RECTIFIER
Reverse Voltage - 1400 to 1500 Volts
Forward Current - 3.0 Amperes
FEATURES
♦ Specially designed for clamping circuits horizontal
deflection systems and damper applications
♦ High temperature metallurgically bonded construction
♦ Glass passivated cavity-free junction
♦ 3.0 Ampere operation
at TA=50°C with no
thermal runaway
♦ Typical IR less than 0.1µA
♦ Hermetically sealed package
♦ Capable of meeting environmental standards of
MIL-S-19500
♦ High temperature soldering guaranteed:
350°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
MECHANICAL DATA
Case: Solid glass body
Terminals: Solder plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.04 ounce, 1.1 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOLS
CG3
DG3
UNITS
Maximum repetitive peak reverse voltage
VRRM
1400
1500
Volts
Maximum RMS voltage
VRMS
980
1050
Volts
Maximum DC blocking voltage
VDC
1400
1500
Volts
Maximum average forward rectified current
0.375” (9.5mm) lead length at TA=50°C
I(AV)
3.0
Amps
Peak forward surge current 8.3ms single half sinewave
superimposed on rated load (JEDEC Method) at TA=50°C
IFSM
100.0
Amps
Maximum instantaneous forward voltage at 3.0A
VF
1.2
Volts
Maximum DC reverse current
TA=25°C
5.0
at rated DC blocking voltage
TA=100°C
IR
100.0
µA
Maximum full load reverse current full cycle
average, 0.375” (9.5mm) lead length at TA=70°C
IR(AV)
200.0
µA
Maximum reverse recovery time (NOTE 1)
trr
15.0
20.0
µs
Typical junction capacitance (NOTE 2)
CJ
40.0
pF
Typical thermal resistance (NOTE 3)
R
ΘJA
20.0
°C/W
Operating junction and storage temperature range
TJ, TSTG
-65 to +175
°C
NOTES:
(1) Measured with IF=0.5A, IR=50mA
(2) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length,
with leads attached to heat sinks
4/98
0.200 (5.08)
0.120 (3.05)
0.052 (1.32)
0.048 (1.22)
DIA.
DIA.
1.0 (25.4)
MIN
MAX.
0.300 (7.6)
1.0 (25.4)
MIN
DG3
Dimensions in inches and (millimeters)
*Brazed-lead assembly is covered by Patent No. 3,930,306


Similar Part No. - CG3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CG3 ETC2-CG3 Datasheet
297Kb / 3P
TWO ELECTRODE HIGH VOLTAGE SURGE ARRESTERS
logo
Tyco Electronics
CG30 MACOM-CG30 Datasheet
469Kb / 3P
Voltage-Controlled Attenuator Module 100 to 2000 MHz
logo
M/A-COM Technology Solu...
CG30 MA-COM-CG30 Datasheet
1Mb / 3P
Voltage-Controlled Attenuator Module 100 to 2000 MHz
logo
Schurter Inc.
CG30.6101.151 SCHURTER-CG30.6101.151 Datasheet
563Kb / 5P
IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
logo
SAB North America
CG300 SAB-CG300 Datasheet
169Kb / 1P
Metal Cable Glands
More results

Similar Description - CG3

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BY228 GE-BY228 Datasheet
52Kb / 2P
CLAMPER / DAMPER GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
CGP30 VISHAY-CGP30 Datasheet
29Kb / 2P
Clamper/Damper Glass Passivated Rectifier
03-Jan-03
logo
Vaishali Semiconductor
CGP20 VAISH-CGP20 Datasheet
33Kb / 2P
Miniature Clamper/Damper Glass Passivated Rectifier
logo
Vishay Siliconix
BY228GP VISHAY-BY228GP Datasheet
79Kb / 4P
Clamper/Damper Glass Passivated Rectifier
15-Mar-11
CGP15 VISHAY-CGP15_11 Datasheet
75Kb / 4P
Miniature Clamper/Damper Glass Passivated Rectifier
15-Mar-11
CGP20 VISHAY-CGP20 Datasheet
79Kb / 4P
Miniature Clamper/Damper Glass Passivated Rectifier
15-Mar-11
CGP30 VISHAY-CGP30_11 Datasheet
82Kb / 4P
Clamper/Damper Glass Passivated Rectifier
20-Jan-11
logo
Shenzhen Taychipst Elec...
CGP15 TAYCHIPST-CGP15 Datasheet
1Mb / 2P
Miniature Clamper/Damper Glass Passivated Rectifier
logo
Vishay Siliconix
BY448GP VISHAY-BY448GP_V01 Datasheet
79Kb / 5P
Miniature Clamper / Damper Glass Passivated Rectifier
05-Oct-2021
CGP30 VISHAY-CGP30_V01 Datasheet
74Kb / 5P
Clamper/Damper Glass Passivated Plastic Rectifier
06-Oct-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com