Electronic Components Datasheet Search
  English  ▼

X  

SH0076A Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SH0076A
Description  CENTERTAP SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SH0076A Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SH0076A Datasheet HTML 1Page - Solid States Devices, Inc SH0076A Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: SH0076A
DOC
`
ELECTRICAL CHARACTERISTICS (per leg) 3/
Symbol
Min
Typ
Max
Units
Instantaneous Forward Voltage Drop
(TA=25ºC, 300sec pulse)
IF = 0.1 A
IF = 0.5 A
IF = 1 A
IF = 2 A
IF = 4 A
VF1
VF2
VF3
VF4
VF5
-
0.57
0.72
0.77
0.84
0.92
-
0.80
0.85
-
1.00
VDC
Instantaneous Forward Voltage Drop
(TA=-55ºC, 300sec pulse)
IF = 1 A
IF = 2 A
IF = 4 A
VF6
VF7
VF8
-
0.92
1.11
1.45
-
-
VDC
Instantaneous Forward Voltage Drop
(TA=125ºC, 300sec pulse)
IF = 0.1 A
IF = 0.5 A
IF = 1 A
IF = 2 A
IF = 4 A
VF11
VF12
VF13
VF14
VF15
-
0.43
0.56
0.62
0.70
0.79
-
0.65
0.71
-
0.88
VDC
Reverse Leakage Current
(Rated VR, TA = 25ºC, 300sec pulse minimum)
IR1
-
0.15
2
A
Reverse Leakage Current
(Rated VR, TA = 100ºC, 300sec pulse minimum)
IR2
-
30
-
A
Reverse Leakage Current
(Rated VR, TA = 125ºC, 300sec pulse minimum)
IR3
-
150
200
A
Reverse Leakage Current
(Rated VR, TA = 150ºC, 300sec pulse minimum)
IR4
-
600
-
A
Junction Capacitance
(f = 1MHz, TA = 25ºC)
VR = 5V
VR = 10V
CJ
-
21
16
-
25
pF
Package Outline:
LCC6 (-6)
PIN OUT:
PIN 2,3: CATHODE
PIN 1,6: ANODE 1
PIN 4,5: ANODE 2
Note: For optimal
performance, connect anode
terminals together and
cathode terminals together.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR08150CT-6 thru
SSR08200CT-6



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com